Electronic Components Datasheet Search
  English  ▼

X  

ADC3582 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADC3582
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3582 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC3582 Datasheet HTML 35Page - Texas Instruments ADC3582 Datasheet HTML 36Page - Texas Instruments ADC3582 Datasheet HTML 37Page - Texas Instruments ADC3582 Datasheet HTML 38Page - Texas Instruments ADC3582 Datasheet HTML 39Page - Texas Instruments ADC3582 Datasheet HTML 40Page - Texas Instruments ADC3582 Datasheet HTML 41Page - Texas Instruments ADC3582 Datasheet HTML 42Page - Texas Instruments ADC3582 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
8.3.4.5 Decimation Filter
The ADC358x supports complex decimation by 2, 4, 8, 16 and 32 with a stopband rejection of at least 85 dB
and a pass-band bandwidth of ~ 80%. Table 8-3 gives an overview of the pass-band bandwidth of the different
decimation settings with respect to ADC sampling rate FS. In real decimation mode the output bandwidth is half
of the complex bandwidth.
Table 8-3. Decimation Filter Summary and Maximum Available Output Bandwidth
REAL/COMPLEX
DECIMATION
DECIMATION
SETTING N
OUTPUT RATE
OUTPUT
BANDWIDTH
OUTPUT RATE
(FS = 65 MSPS)
OUTPUT BANDWIDTH
(FS = 65 MSPS)
Complex
2
FS / 2 complex
0.8 × FS / 2
32.5 MSPS complex
26 MHz
4
FS / 4 complex
0.8 × FS / 4
16.25 MSPS complex
13 MHz
8
FS / 8 complex
0.8 × FS / 8
8.125 MSPS complex
6.5 MHz
16
FS / 16 complex
0.8 × FS / 16
4.0625 MSPS complex
3.25 MHz
32
FS / 32 complex
0.8 × FS / 32
2.03125 MSPS complex
1.625 MHz
Real
2
FS / 2 real
0.4 × FS / 2
32.5 MSPS
13 MHz
4
FS / 4 real
0.4 × FS / 4
16.25 MSPS
6.5 MHz
8
FS / 8 real
0.4 × FS / 8
8.125 MSPS
3.25 MHz
16
FS / 16 real
0.4 × FS / 16
4.0625 MSPS
1.625 MHz
32
FS / 32 real
0.4 × FS / 32
2.03125 MSPS
0.8125 MHz
The decimation filter responses are normalized to the ADC sampling clock frequency FS and illustrated in Figure
8-28 to Figure 8-37. They are interpreted as follows:
Each figure contains the filter pass-band, transition band(s) and alias or stop-band(s) as shown in Figure 8-27.
The x-axis shows the offset frequency (after the NCO frequency shift) normalized to the ADC sampling rate FS.
For example, in the divide-by-4 complex setup, the output data rate is FS / 4 complex with a Nyquist zone of FS /
8 or 0.125 × FS. The transition band (colored in blue) is centered around 0.125 × FS and the alias transition band
is centered at 0.375 × FS. The stop-bands (colored in red), which alias on top of the pass-band, are centered at
0.25 × FS and 0.5 × FS. The stop-band attenuation is greater than 85 dB.
-120
-100
-80
-60
-40
-20
0
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (Fs)
Passband
Transition Band
Alias Band
Attn Spec
Filter
Transition
Bands
Bands that alias on top
of signal band
Pass Band
Figure 8-27. Interpretation of the Decimation Filter Plots
www.ti.com
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com