Electronic Components Datasheet Search
  English  ▼

X  

INA296A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA296A
Description  INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA296A Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA296A Datasheet HTML 24Page - Texas Instruments INA296A Datasheet HTML 25Page - Texas Instruments INA296A Datasheet HTML 26Page - Texas Instruments INA296A Datasheet HTML 27Page - Texas Instruments INA296A Datasheet HTML 28Page - Texas Instruments INA296A Datasheet HTML 29Page - Texas Instruments INA296A Datasheet HTML 30Page - Texas Instruments INA296A Datasheet HTML 31Page - Texas Instruments INA296A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Nov-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
INA296A1IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296A2IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296A3IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296A5IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296B1IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296B2IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296B3IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296B4IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
INA296B5IDDFR
SOT-23-
THIN
DDF
8
3000
180.0
8.4
3.15
3.1
1.55
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com