Electronic Components Datasheet Search
  English  ▼

X  

PCA9306 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9306
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9306 Datasheet HTML 8Page - NXP Semiconductors PCA9306 Datasheet HTML 9Page - NXP Semiconductors PCA9306 Datasheet HTML 10Page - NXP Semiconductors PCA9306 Datasheet HTML 11Page - NXP Semiconductors PCA9306 Datasheet HTML 12Page - NXP Semiconductors PCA9306 Datasheet HTML 13Page - NXP Semiconductors PCA9306 Datasheet HTML 14Page - NXP Semiconductors PCA9306 Datasheet HTML 15Page - NXP Semiconductors PCA9306 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
B-side
A-side
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
5.0 V
1.8 V
Rpu(A) = 294 Ω
Rpu(B) = 294 Ω
Rpu(A) = none
Rpu(B) = 232 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
2.5 V
Rpu(A) = 392 Ω
Rpu(B) = 392 Ω
Rpu(A) = none
Rpu(B) = 357 Ω
3.3 V
Rpu(A) = none
Rpu(B) = 348 Ω
Table 13. Pull-up resistor minimum values, 15 mA driver sink current for PCA9306 and NVT20xx...continued
11.3 How to design for maximum frequency operation
The maximum frequency is limited by the minimum pulse width LOW and HIGH as well
as rise time and fall time. See Equation 1 as an example of the maximum frequency. The
rise and fall times are shown in Figure 11.
(1)
002aag912
tr(actual)
tf(actual)
GND
VOL
VIL
VIH
VCC
tHIGH(min)
tLOW(min)
1 / fmax
0.9 × VCC
0.1 × VCC
Figure 11. An example waveform for maximum frequency
The rise and fall times are dependent upon translation voltages, the drive strength,
the total node capacitance (CL(tot)) and the pull-up resistors (RPU) that are present on
the bus. The node capacitance is the addition of the PCB trace capacitance and the
device capacitance that exists on the bus. Because of the dependency of the external
components, PCB layout and the different device operating states the calculation of rise
and fall times is complex and has several inflection points along the curve.
The main component of the rise and fall times is the RC time constant of the bus line
when the device is in its two primary operating states: when device is in the ON state and
it is low-impedance, the other is when the device is OFF isolating the A-side from the B-
side.
A description of the fall time applied to either An or Bn output going from HIGH to LOW
is as follows. Whichever side is asserted first, the B-side down must discharge to the
VCC(A) voltage. The time is determined by the pull-up resistor, pull-down driver strength
and the capacitance. As the level moves below the VCC(A) voltage, the channel resistance
drops so that both A and B sides equal. The capacitance on both sides is connected
to form the total capacitance and the pull-up resistors on both sides combine to the
parallel equivalent resistance. The Ron of the device is small compared to the pull-up
resistor values, so its effect on the pull-up resistance can be neglected and the fall is
determined by the driver pulling the combined capacitance and pull-up resistor currents.
An estimation of the actual fall time seen by the device is equal to the time it takes for
the B-side to fall to the VCC(A) voltage and the time it takes for both sides to fall from the
VCC(A) voltage to the VIL level.
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
12 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com