Electronic Components Datasheet Search
  English  ▼

X  

CP5 Datasheet(PDF) 1 Page - Littelfuse

Part # CP5
Description  Current Monitoring Relays and Transducers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CP5 Datasheet(HTML) 1 Page - Littelfuse

  CP5 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Current Monitoring Relays and Transducers
www.littelfuse.com/cp5
Rev: 1-A-062716
CP5 SERIES
Single-phase current monitor
Wiring Diagram
Description
The CP5 Series are undercurrent monitors designed to monitor
one leg of a 3-phase system. It is commonly used as a tower
monitor on center pivot irrigation systems to detect stalled or
jammed towers to prevent over watering.
The CP5 Series has both an adjustable trip level and an
adjustable trip delay timer. When the current is sensed, the CP5
Series activates its output relay, thus starting the motor/pump.
When the current in the monitored power line falls below the
user-selectable trip point, the unit goes through a trip delay timer
and then deactivates the output relay if the monitored current
does not recover first.
Features & Benefits
FEATURES
BENEFITS
Adjustable trip
level (0-5A)
Provides ability to precisely set the current trip point
for any application
Adjustable trip
delay (0-10m)
Prevents nuisance tripping due to power
line fluctuations
600V rated relay
contacts available
on CP-5-460 model
Eliminates the need for a control transformer to step
voltage down to 120 - 240V for a control circuit
Specifications
Input Characteristics
Nominal Input Voltage
CP5115
115VAC
CP5460
460VAC
Frequency
50*/60Hz
Functional Characteristics
Operating Points
Trip Level
0-5 Amps
Trip Delay
0-10 minutes
Restart
1 second
Output Characteristics
Output Contact Rating (SPDT)
Pilot Duty
CP5115
480VA @ 240VAC
CP5460
470VA @ 600VAC
General Characteristics
Terminal
Torque
7 in.-lbs.
Wire Size
12-18AWG
Safety Marks
UL
UL508 (File #E68520)
Dimensions
H 74.4 mm (2.93”); W 133.9 mm (5.27”);
D 74.9 mm (2.95”)
Weight
1 lb. (16 oz., 453.59 g)
Mounting Method
#8 screws
*Note: 50Hz will increase all delay timers by 20%
Ordering Information
MODEL
LINE VOLTAGE
CP5115
115VAC
CP5460
460VAC


Similar Part No. - CP5

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-S1 PULS-CP5.241-S1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A82-10 ETC2-A82-10 Datasheet
61Kb / 3P
Monitoring Relays AC Current Transformer
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
Monitoring Relays AC Current Transformer
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com