Electronic Components Datasheet Search
  English  ▼

X  

0622016000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0622016000
Description  6-Row Shield Extraction Tool
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622016000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0622016000 Datasheet HTML 1Page - Molex Electronics Ltd. 0622016000 Datasheet HTML 2Page - Molex Electronics Ltd. 0622016000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin End Version, 60
Circuits, 10 Columns,
Pin Length 4.75mm
VHDM Single-Ended
Board-to-Board
Backplane Header,
2.00mm Pitch,
Vertical, 6 Rows,
Guide Pin Signal
Module, Shield End
Version, 60 Circuits,
10 Columns, Pin
Length 4.75mm
740591001
VHDM Single-Ended
Board-to-Board
Backplane Header,
2.00mm Pitch,
Vertical, 6 Rows,
Guide Pin Signal
Module, Shield End
Version, 60 Circuits,
10 Columns, Pin
Length 6.25mm
740591002
VHDM Single-Ended
Board-to-Board
Backplane Header,
2.00mm Pitch,
Vertical, 6 Rows,
Guide Pin Signal
Module, Shield End
Version, 150 Circuits,
25 Columns, Pin
Length 4.75mm
740598501
VHDM Single-Ended
Board-to-Board
Backplane Header,
2.00mm Pitch,
Vertical, 6 Rows,
Guide Pin Signal
Module, Shield End
Version, 60 Circuits,
10 Columns, Pin
Length 4.75mm
740599001
VHDM H-Series
Single-Ended Board-
to-Board Backplane
Header, 2.00mm
Pitch, Vertical, 6
Rows, Open End
Module, Open Ends
Version, 150 Circuits,
Pin Length 4.75mm
767639001
This document was generated on 08/26/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com