Electronic Components Datasheet Search
  English  ▼

X  

0622016100 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0622016100
Description  8-Row Shield Extraction Tool
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0622016100 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0622016100 Datasheet HTML 1Page - Molex Electronics Ltd. 0622016100 Datasheet HTML 2Page - Molex Electronics Ltd. 0622016100 Datasheet HTML 3Page - Molex Electronics Ltd. 0622016100 Datasheet HTML 4Page - Molex Electronics Ltd. 0622016100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shield End Version,
Lead-Free, 200
Circuits, 25 Columns,
Pin Length 5.15mm
VHDM H-Series
Single-Ended Board-
to-Board Backplane
Header, 2.00mm
Pitch, Vertical,
8 Rows, Signal
Module, Open End
Version, 200 Circuits,
Pin Length 4.75mm
761348501
VHDM H-Series
Single-Ended Board-
to-Board Backplane
Header, 2.00mm
Pitch, Vertical,
8 Rows, Signal
Module, Open End
Version, 80 Circuits,
Pin Length 4.75mm
761349001
This document was generated on 08/26/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com