Electronic Components Datasheet Search
  English  ▼

X  

DCNLM Datasheet(PDF) 2 Page - Littelfuse

Part # DCNLM
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLM Datasheet(HTML) 2 Page - Littelfuse

  DCNLM Datasheet HTML 1Page - Littelfuse DCNLM Datasheet HTML 2Page - Littelfuse DCNLM Datasheet HTML 3Page - Littelfuse DCNLM Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
DCNLM SERIES
60V DC MAX CONTACTOR RELAY
Ordering Information
Performance Data
PART
NUMBER
CONTINUOUS
CURRENT (A)
VOLTAGE RATING
MOUNTING
COIL
VOLTAGE
(V DC)
COIL
TYPE
AUX
CONTACT
POLARIZED
SYSTEM NOMINAL
(V DC)
MAX VOLTAGE
(V DC)
DCNLM50NB12
50
48
60
SIDE MOUNT
12
Single
No
No
DCNLM50NB24
50
48
60
SIDE MOUNT
24
Single
No
No
DCNLM50NB48
50
48
60
SIDE MOUNT
48
Single
No
No
DCNLM50NB60
50
48
60
SIDE MOUNT
60
Single
No
No
DCNLM100NB12-01
100
48
60
SIDE MOUNT
12
Dual
No
No
DCNLM100NB24-01
100
48
60
SIDE MOUNT
24
Dual
No
No
DCNLM100NB48-01
100
48
60
SIDE MOUNT
48
Dual
No
No
DCNLM200NB12
200
48
60
SIDE MOUNT
12
Dual
No
No
DCNLM200NB24
200
48
60
SIDE MOUNT
24
Dual
No
No
DCNLM200NB48
200
48
60
SIDE MOUNT
48
Dual
No
No
DCNLM200NB12-01
200
48
60
SIDE MOUNT
12
Single
No
No
DCNLM200NB24-01
200
48
60
SIDE MOUNT
24
Single
No
No
DCNLM200NB48-01
200
48
60
SIDE MOUNT
48
Single
No
No
DCNLM200NB24-02
200
48
60
TOP MOUNT
24
Single
No
No
DCNLM400NB24
400
48
60
SIDE MOUNT
24
Single
No
No
DCNLM400NB48
400
48
60
SIDE MOUNT
48
Single
No
No
DCNLM400NB12
400
48
60
SIDE MOUNT
12
Dual
No
No
DCNLM400NB24-01
400
48
60
SIDE MOUNT
24
Dual
No
No
DCNLM400NB48-01
400
48
60
SIDE MOUNT
48
Dual
No
No
LIFE
Electrical Life
6000 Cycles
Mechanical Life
100,000
OPERATE / RELEASE TIME
Close (ms)
DCNLM50
40
DCNLM100
30
DCNLM200
50
DCNLM400
50
Release (ms)
DCNLM50
20
DCNLM100
30
DCNLM200
25
DCNLM400
25
ENVIRONMENTAL DATA
Shock
DCNLM50NB DVP 50G, 6ms
Vibration
1~50Hz (freq.1~10Hz, amp;.25/f²;
freq.10~50Hz, ampl.250/f²)
Operating Ambient Temperature
-40ºC~+70ºC
Weight (g)
DCNLM50
157
DCNLM100NBxx-01
193.3
DCNLM200NBxx
445.1
DCNLM200NBxx-0x
439
DCNLM400NBxx
866
DCNLM400NBxx-01
888
COIL DATA
Voltage Rating (V DC)
12
24
48
60
Pickup Voltage @ 25˚C (V DC MAX)
8.4
16.8
33.6
42
Dropout Voltage @ 25˚C (V DC MIN)
1
2
4
5
Hold Current (A)
DCNLM50
0.71
0.35
0.18
0.13
DCNLM100(D)
0.75
0.35
0.15
/
DCNLM200(S)
0.84
0.4
0.21
/
DCNLM200(D)
0.7
0.37
0.15
/
DCNLM400(S)
/
0.39
0.24
/
DCNLM400(D)
0.77
0.45
0.1
/
Coil Watts @ 25˚C (W)
DCNLM50
9
9
9
9
DCNLM100(D)
150/9 150/9 150/9
/
DCNLM200(S)
10
10
10.5
/
DCNLM200(D)
180/8.5 170/9 180/8
/
DCNLM400(S)
/
10
11.5
/
DCNLM400(D)
80/9.5 175/11 154/5
/
MAIN CONTACT
Contact Arrangement
SPST NO
Rated Operating Voltage
48V DC
Max Short Circuit Current
DCNLM50
200A @ 48V DC
DCNLM100
400A @ 48V DC
DCNLM200
800A @ 48V DC
DCNLM400
1600A @ 48V DC
Dielectric Withstand Voltage
1000V AC
Insulation Resistence
≥50MΩ @ 500V DC
Max Voltage Drop
DCNLM50
≤50mV @ 50 A
DCNLM100
≤80mV @ 100 A
DCNLM200, 400
≤50mV @ 100A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com