Electronic Components Datasheet Search
  English  ▼

X  

DCNLM200 Datasheet(PDF) 4 Page - Littelfuse

Part # DCNLM200
Description  60V DC MAX CONTACTOR RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCNLM200 Datasheet(HTML) 4 Page - Littelfuse

  DCNLM200 Datasheet HTML 1Page - Littelfuse DCNLM200 Datasheet HTML 2Page - Littelfuse DCNLM200 Datasheet HTML 3Page - Littelfuse DCNLM200 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Littelfuse.com
© 2022 Littelfuse, Inc.
081122-A
Application Notes & Definitions
• Be sure to use a washer to prevent screws from loosening.Tighten the screw so that the torque
is in the range specified below. Exceeding the maximum torque can lead to product rupture.
See chart below.
• Please refer to the drawing for connection polarity.
• Do not use dropped products.
• Avoid installing the product in a strong magnetic field (Close to the transformer or magnet), or
near an object with heat radiation.
• Electrical life
Please use under load capability and life cycle so as not to cause a function failure. (Please also
treat the contactor as a product with specified life and replace it when necessary). It is possible
to make parts burn around the contactor once operating failure happens. So it is necessary to
take layout into account to make sure power shall be cut off within 1 second.
• Do not let particle and oil stain on the main terminal with which the load shall make a reliable
contact or it will cause a lot of heat.
PRODUCT
SERIES
PRODUCT MODEL
CONTACT TERMINAL
COIL TERMINAL
MOUNTING
HOLE OR BOLT
REFERENCE TORQUE
HOLE/BOLT/WIRE/TERMINAL
REFERENCE TORQUE
REFERENCE TORQUE
DCNLM50NB
DCNLM50NB12
DCNLM50NB24
DCNLM50NB48
DCNLM50NB60
Bolt : M5
4~5N.m
Bolt : M4
1.7~2.5N.m
1.7~2.5N.m
DCNLM100NB
DCNLM100NB12-01
DCNLM100NB24-01
DCNLM100NB48-01
Bolt : M6
4~6N.m
Bolt : M4
1.7~2.5N.m
1.7~2.5N.m
DCNLM200NB
DCNLM200NB12
DCNLM200NB24
DCNLM200NB48
Bolt : M8
9~11N.m
Bolt : M4
1.7~2.5N.m
4~5N.m
DCNLM200NB12-01
DCNLM200NB24-01
DCNLM200NB48-01
DCNLM200NB24-02
Bolt : M8
9~11N.m
Wire
-
4~5N.m
DCNLM400NB
DCNLM400NB24
DCNLM400NB48
Bolt : M10
15~18N.m
Bolt : M4
1.7~2.5N.m
6~8N.m
DCNLM400NB12
DCNLM400NB24-01
DCNLM SERIES
60V DC MAX CONTACTOR RELAY



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com