Electronic Components Datasheet Search
  English  ▼

X  

OPA328 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA328
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA328 Datasheet HTML 12Page - Texas Instruments OPA328 Datasheet HTML 13Page - Texas Instruments OPA328 Datasheet HTML 14Page - Texas Instruments OPA328 Datasheet HTML 15Page - Texas Instruments OPA328 Datasheet HTML 16Page - Texas Instruments OPA328 Datasheet HTML 17Page - Texas Instruments OPA328 Datasheet HTML 18Page - Texas Instruments OPA328 Datasheet HTML 19Page - Texas Instruments OPA328 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx328 offer outstanding dc and ac performance. These devices operate with up to a 5.5-V power supply,
and offer an ultra-low input bias current and a 40-MHz bandwidth. These features make the OPAx328 family of
robust operational amplifiers great for both communication and industrial applications.
8.1.1 Capacitive Load and Stability
The OPAx328 are designed for use in high-speed applications for transimpedance amplifiers (TIA) and ADC
input-driving amplifiers. As with all op amps, there may be specific instances where the OPAx328 become
unstable. The particular op-amp circuit configuration, layout, gain, and output loading are some of the factors
to consider when establishing whether an amplifier is stable in operation. An op amp in the unity-gain (1-V/V)
buffer configuration driving a capacitive load exhibits a greater tendency to become unstable compared to an
amplifier operating at a higher noise gain (see Figure 6-28). The capacitive load, in conjunction with the op-amp
output impedance, creates a pole within the loop gain that degrades the phase margin. The degradation of the
phase margin increases as the capacitive loading increases. When operating in the unity-gain configuration, the
OPAx328 remain stable with a pure capacitive load up to 100 pF.
Figure 8-1 shows one technique to increase the capacitive load drive capability of an amplifier operating in a
unity-gain configuration is to insert a small resistor (RS), typically 10 Ω to 50 Ω, in series with the output. This
resistor significantly reduces the overshoot and ringing associated with large capacitive loads.
+
–
R
S
C
L
GND
R
L
V
IN
V
OUT
Figure 8-1. Improving Capacitive Load Drive
8.2 Typical Applications
8.2.1 Bidirectional Current-Sensing
This single-supply, low-side, bidirectional current-sensing design example detects load currents from –1 A to
+1 A. The single-ended output spans from 110 mV to 3.19 V. This design uses the OPAx328 because of the low
offset voltage and rail-to-rail input and output. One of the amplifiers is configured as a difference amplifier and
the other amplifier provides the reference voltage.
Figure 8-2 shows the schematic.
OPA328, OPA2328
SBOS957B – FEBRUARY 2022 – REVISED NOVEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com