Electronic Components Datasheet Search
  English  ▼

X  

2203ER Datasheet(PDF) 2 Page - Belden Inc.

Part # 2203ER
Description  Category 6A Cable, 4 Pair, U/FTP, PVC Indoor CPR Eca
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2203ER Datasheet(HTML) 2 Page - Belden Inc.

  2203ER Datasheet HTML 1Page - Belden Inc. 2203ER Datasheet HTML 2Page - Belden Inc. 2203ER Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Delay Skew Nom. Velocity of Prop.
45 ns/100m
77%
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT
[dB]
Min.
PSNEXT
[dB]
Min.
ACR
[dB]
Min.
PSACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL
(Return Loss)
[dB]
Min.
PSANEXT
[dB]
Min.
PSAACRF
[dB]
Min.
TCL
[dB]
Min.
ELTCTL
[dB]
1
2.1 ns/100m
75.3
72.3
73.2
70.2
68
65
20
67
67
40
35
4
3.8 ns/100m
66.3
63.3
62.5
59.5
56
53
23
67
66.2
34
23
10
5.9 ns/100m
60.3
57.3
54.4
51.4
48
45
25
67
58.2
30
15
16
7.5 ns/100m
57.2
54.2
49.8
46.8
43.9
40.9
25
67
54.1
28
10.9
31.2
10.5 ns/100m
52.9
49.9
42.4
39.4
38.1
35.1
23.6
67
48.3
25.1
5.1
62.5
15 dB/100m
48.4
45.4
33.4
30.4
32.1
29.1
21.5
65.6
42.3
22
100
19.1 dB/100m
45.3
42.3
26.2
23.2
28
25
20.1
62.5
38.2
20
125
21.5 dB/100m
43.8
40.8
22.3
19.3
26.1
23.1
19.4
61
36.3
19
200
27.6 dB/100m
40.8
37.8
13.2
10.2
22
19
18
58
32.2
17
250
31.1 dB/100m
39.3
36.3
8.3
5.3
20
17
17.3
56.5
30.2
16
300
34.3 dB/100m
38.1
35.1
3.9
0.9
18.5
15.5
17.3
55.3
28.7
500
45.3 dB/100m
34.8
31.8
-10.4
-13.4
14
11
17.3
52
24.2
Table Notes:
Limits below 4 MHz are for information only. Reference standard: IEC 61156-5
Transfer Impedance
Frequency Max. Transfer Impedance
1 Mhz
Max. 50 mOhm/m
10 Mhz
Max. 100 mOhm/m
30 Mhz
Max. 200 mOhm/m
100 Mhz
Max. 1000 mOhm/m
Transfer Impedance Class:
Grade 2
Screening Class:
Type Ib
Table Notes:
Coupling Attenuation
Voltage
Voltage Rating
72 V DC
Mechanical Characteristics
Temperature
Operating
Installation
-30°C to +60°C 0°C To +50°C
Bend Radius
Stationary Min. Installation Min.
33 mm (1.3 in)
66 mm
Max. Pull Tension:
79 N (18 lbf)
Bulk Cable Weight:
44 kg/km
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca
Flammability / Reaction to Fire: FT4, FT4, IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
CEC / C(UL) Compliance:
CMR
IEEE Compliance:
PoE: IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 6A
TIA/EIA Compliance:
ANSI/TIA 568.2-D
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61034-2 - Smoke Density Min Transmittance = 60%
CENELEC Compliance:
EN 50173-1, Segregation class according EN50174-2 = d
European Directive
Compliance:
EU CE Mark
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com