Electronic Components Datasheet Search
  English  ▼

X  

74004NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 74004NH
Description  DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

74004NH Datasheet(HTML) 2 Page - Belden Inc.

  74004NH Datasheet HTML 1Page - Belden Inc. 74004NH Datasheet HTML 2Page - Belden Inc. 74004NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min. NEXT
[dB]
Min. PSNEXT
[dB]
Min. ACR
[dB]
Min. PSACR
[dB]
Min. ACRF (ELFEXT)
[dB]
Min. PSACRF (PSELFEXT)
[dB]
Min. RL (Return Loss)
[dB]
1
2 dB/100m
78
75
73
70
78
75
20
4
3.7 dB/100m
78
75
74.3
71.3
78
75
23
10
5.9 dB/100m
78
75
72.1
69.1
75.3
72.3
25
16
7.4 dB/100m
78
75
70.6
67.6
71.2
68.2
25
31.2
10.4 dB/100m
78
75
67.6
64.6
65.4
62.4
23.6
62.5
14.9 dB/100m
75.5
72.5
60.6
57.6
59.4
56.4
21.5
100
19 dB/100m
72.4
69.4
53.4
50.4
55.3
52.3
20.1
125
21.4 dB/100m
70.9
67.9
49.6
46.6
53.4
50.4
19.4
200
27.5 dB/100m
67.9
64.9
40.4
37.4
49.3
46.3
15
250
31 dB/100m
66.4
63.4
35.5
32.5
47.3
44.3
17.3
300
34.2 dB/100m
65.2
62.2
31.1
28.1
45.8
42.8
17.3
600
50.1 dB/100m
60.7
57.7
10.6
7.6
39.7
36.7
17.3
1000
66.9 dB/100m
57.4
54.4
35.3
32.3
15.1
Table Notes:
Limits below 4 MHz are for information only.; Values at 1000 MHz are for information only. Reference standard: IEC 61156-5
Transfer Impedance
Frequency Max. Transfer Impedance
1 MHz
Max. 5 mOhm/m
10 MHz
Max. 5 mOhm/m
30 MHz
Max. 30 mOhm/m
100 MHz
100 mOhm/m
Transfer Impedance Class:
Grade 1
Screening Class:
Type Ib
Table Notes:
Coupling Attenuation
Voltage
UL Voltage Rating Voltage Rating
30 V RMS
125 V (non UL)
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C to +80°C -15°C To +60°C -40°C to +80°C
Bend Radius
Stationary Min. Installation Min.
40 mm (1.6 in)
80 mm
Max. Pull Tension:
80 N (18 lbf)
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Dca, Sunlight Resistance, Oil Resistance
Flammability / Reaction to
Fire:
IEC 60332-1-2, IEC 60332-3-24, EN 50266-2-4
CPR Compliance:
CPR Euroclass: Dca-s1,d1,a1; CPR UKCA Class: Dca-s1,d1,a1
AWM Compliance:
AWM 20851
IEEE Compliance:
PoE: IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 7
TIA/EIA Compliance:
ANSI/TIA 568.2-D
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61034-2 - Smoke Density Min Transmittance = 60%
CENELEC Compliance:
EN 50173-1, Segregation class according EN50174-2 = d
European Halogen Free
Standards:
IEC 62821-1 Halogen Free Compliance = Yes, IEC 60754-1 - Halogen Amount = Zero, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 2.5 µS/mm, IEC 60754-2
- Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark
UK Regulation Compliance:
UKCA Mark
History
Update and Revision:
Revision Number: 0.309 Revision Date: 11-09-2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com