Electronic Components Datasheet Search
  English  ▼

X  

74005NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 74005NH
Description  DataTuff® 7, 4PR #26 Str BC, PO ins, S/FTP, LSNH Jkt, AWM 20851
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

74005NH Datasheet(HTML) 2 Page - Belden Inc.

  74005NH Datasheet HTML 1Page - Belden Inc. 74005NH Datasheet HTML 2Page - Belden Inc. 74005NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) [dB/100m] Min. NEXT [dB] Min. PSNEXT [dB] Min. ACRF (ELFEXT) [dB] Min. PSACRF (PSELFEXT) [dB] Min. RL (Return Loss) [dB]
1
2.7
80
77
4
5.5
80
77
80
77
23
10
8.5
80
77
74
71
25
16
10.8
80
77
69.9
66.9
25
20
12.1
80
77
68
65
25
31.25
15.2
80
77
64.1
61.1
23.6
62.5
21.8
75.1
72.1
58.1
55.1
21.5
100
27.8
72.4
69.4
54
51
20.1
200
40.1
67.9
64.9
48
45
18
300
50
65.3
62.3
44.5
41.5
17.3
600
73.3
60.8
57.8
38.4
35.4
17.3
Transfer Impedance
Frequency Max. Transfer Impedance
10 Mhz
Max. 5 mOhm/m
Voltage
UL Voltage Rating
Voltage Rating
30 V RMS
450 V DC and 300 V AC
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C to +80°C -15°C To +60°C -40°C to +80°C
Bend Radius
Stationary Min. Installation Min.
30 mm (1.2 in)
65 mm
Max. Pull Tension:
80 N (18 lbf)
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca, Sunlight Resistance, Oil Resistance
Flammability / Reaction to Fire: IEC 60332-1-2, IEC 60332-3-24
CPR Compliance:
CPR Euroclass: Eca
AWM Compliance:
AWM 20851
Data Category:
Category 7
TIA/EIA Compliance:
ANSI/TIA 568.2-D
ISO/IEC Compliance:
ISO/IEC 11801-1
CENELEC Compliance:
EN 50173-1
European Halogen Free
Standards:
IEC 62821-1 Halogen Free Compliance = Yes, IEC 60754-1 - Halogen Amount = Zero, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 2.5 µS/mm, IEC 60754-2
- Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark
History
Update and Revision:
Revision Number: 0.259 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color
Putup Type Length
EAN
74005NH.07500 Black
Reel
500 m
8719605013262
74005NH.11500 Blue
Reel
500 m
8719605013309
74005NH.01500 Blue
Reel
500 m
74005NH.10500 Gray, RAL 7032 Reel
500 m
8719605013293
74005NH.08500 Green
Reel
500 m
8719605013279
74005NH.09500 Orange
Reel
500 m
8719605013286
74005NH.13500 Red
Reel
500 m
8719605013323
74005NH.06500 Red
Reel
500 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com