Electronic Components Datasheet Search
  English  ▼

X  

7965GLZ Datasheet(PDF) 2 Page - Belden Inc.

Part # 7965GLZ
Description  Category 6 Cable, 4 Pair, U/UTP, LSZH Indoor CPR Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7965GLZ Datasheet(HTML) 2 Page - Belden Inc.

  7965GLZ Datasheet HTML 1Page - Belden Inc. 7965GLZ Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
62.5
15.5 dB/100m
48.4
54.4
32.9
29.9
34.1
31.1
21.5
22
100
19.9 dB/100m
45.3
42.3
25.4
22.4
30
27
20.1
20
155
25.3 dB/100m
42.4
39.4
17.1
14.1
26.2
23.2
18.8
18.1
200
29.1 dB/100m
40.8
37.8
11.6
8.6
24
21
18
17
250
33 dB/100m
39.3
36.3
6.3
3.3
22
19
17.3
16
Table Notes:
Limits below 4 MHz are for information only. Reference standard: IEC 61156-5
Screening Class:
Type III
Table Notes:
Coupling Attenuation
Voltage
Voltage Rating
72 V DC
Mechanical Characteristics
Temperature
Operating
Installation
-30°C to +60°C 0°C To +50°C
Bend Radius
Stationary Min. Installation Min.
23 mm (0.91 in)
46 mm
Max. Pull Tension:
80 N (18 lbf)
Bulk Cable Weight:
32 kg/km
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca
Flammability / Reaction to Fire: IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
IEEE Compliance:
PoE: IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 6
TIA/EIA Compliance:
ANSI/TIA 568.2-D
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61034-2 - Smoke Density Min Transmittance = 60%
CENELEC Compliance:
EN 50173-1, Segregation class according EN50174-2 = a
European Halogen Free
Standards:
IEC 62821-1 Halogen Free Compliance = Yes, IEC 60754-1 - Halogen Amount = Zero, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 2.5 µS/mm, IEC 60754-2
- Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system.
History
Update and Revision:
Revision Number: 0.48 Revision Date: 04-12-2022
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com