Electronic Components Datasheet Search
  English  ▼

X  

NJM4580C Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM4580C
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM4580C Datasheet(HTML) 2 Page - New Japan Radio

  NJM4580C Datasheet HTML 1Page - New Japan Radio NJM4580C Datasheet HTML 2Page - New Japan Radio NJM4580C Datasheet HTML 3Page - New Japan Radio NJM4580C Datasheet HTML 4Page - New Japan Radio NJM4580C Datasheet HTML 5Page - New Japan Radio NJM4580C Datasheet HTML 6Page - New Japan Radio NJM4580C Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM4580C
- 2 -
ver. 04
■ABSOLUTE MAXIMUM RATINGS (Ta=25ºC, unless otherwise noted.)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±18
V
Differential Input Voltage (Note1) (Note2)
VID
±36
V
Input Voltage (Note2)
VIC
±18
V
Power Dissipation
PD
SOP
: 550 (Note3)
820(Note4)
SSOP : 350 (Note3)
440(Note4)
mW
Operating Temperature Range
Topr
- 40~+85
ºC
Storage Temperature Range
Tstg
- 65~+125
ºC
(Note1) Differential voltage is the voltage difference between +INPUT and -INPUT.
(Note2) For supply voltage less than ±15V, the absolute maximum rating is equal to the supply voltage.
The normal operation will establish when any input is within the Common Mode Input Voltage Range of electrical characteristics.
( Note3) EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 2layers, FR-4) mounting
( Note4) EIA/JEDEC STANDARD Test board (76.2 x 114.3 x 1.6mm, 4layers, FR-4) mounting
■ RECOMMENDED OPERATING CONDITIONS (Ta=25ºC)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+/V-
±2
-
±18
V
■ ELECTRICAL CHARACTERISTICS (V+/V
-=±15V, Ta=25ºC, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS≤10kΩ
-
0.3
3
mV
Input Offset Current
IIO
-
5
200
nA
Input Bias Current
IB
-
100
500
nA
Input Resistance
RIN
-
0.5
-
MΩ
Large Signal Voltage Gain
AV
RL≥2kΩ, VO=±10V
90
110
-
dB
Maximum Output Voltage
VOM
RL≥2kΩ
±12
±13.5
-
V
Common Mode Input Voltage Range
VICM
±12
±13.5
-
V
Common Mode Rejection Ratio
CMR
RS≤10kΩ
80
110
-
dB
Supply Voltage Rejection Ratio
SVR
RS≤10kΩ
80
110
-
dB
Supply Current
ICC
-
6
9
mA
Slew Rate
SR
RL≥2kΩ
-
5
-
V/μs
Gain Bandwidth Product
GBP
f=10kHz
-
15
-
MHz
Total Harmonic Distortion
THD
AV=20dB, VO=5V, RL=2kΩ,f=1kHz
-
0.0005
-
%
Equivalent Input Noise Voltage1
VNI
RIAA, RS=2.2kΩ, 30kHz LPF
-
0.8
-
μVrms
Equivalent Input Noise Voltage2
en
f=1kHz
-
5
-
nV/√ Hz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com