Electronic Components Datasheet Search
  English  ▼

X  

A5V Datasheet(PDF) 4 Page - New Japan Radio

Part # A5V
Description  Single Channel Low power Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

A5V Datasheet(HTML) 4 Page - New Japan Radio

  A5V Datasheet HTML 1Page - New Japan Radio A5V Datasheet HTML 2Page - New Japan Radio A5V Datasheet HTML 3Page - New Japan Radio A5V Datasheet HTML 4Page - New Japan Radio A5V Datasheet HTML 5Page - New Japan Radio A5V Datasheet HTML 6Page - New Japan Radio A5V Datasheet HTML 7Page - New Japan Radio A5V Datasheet HTML 8Page - New Japan Radio A5V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
- 4 -
Ver.2.0
http://www.njr.com/
NJM8190/NJM8191
■ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, V+=5V, V-=0V, RL=OPEN, Ta=25℃)
(1) VO= 1.4V, RS=0Ω, 5V < V+< 30V, 0 < VICM<( V+- 1.5V.)
(2) The direction of the input current is out of the IC due to the PNP input stage.
(3) Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the
comparator will provide a proper output state. The low input voltage must not be less than -0.3V (or 0.3V below the negative power supply, if used).
(4) The response time specified is for a 100mV input step with 5mV overdrive.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP.
MAX.
UNIT
Input Offset Voltage(1)
VIO
Ta=25℃
−
0.5
3
mV
Ta=-40℃ to 125℃
−
−
4
mV
Input Offset Current
IIO
Ta=25℃
−
0.5
50
nA
Ta=-40℃ to 125℃
−
−
150
Input Bias Current (2)
IB
Ta=25℃
−
20
250
Ta=-40℃ to 125℃
−
−
400
Common Mode Input Voltage
VICM
V+=30V, Ta=25℃
0
−
V+-1.5
V
V+=30V, Ta=-40 to 125℃
0
−
V+-2.0
Open-Loop Voltage Gain
AV
V+=15V、RL=15kΩ,
Vo=1V to 11V
50
200
-
V/mV
Supply Current
ISUPPLY
Ta=25℃
−
0.3
0.5
mA
Ta=-40 to 125℃
−
−
0.9
V+=30V,Ta=25℃
−
0.4
1.2
V+=30V,Ta=-40 to 125℃
−
−
1.5
Differential Input Voltage
Range(3)
VID
−
−
V+
V
Low-level Output Voltage
VOL
VIN+=0V,VIN-=1V,ISINK=4mA,
Ta=25℃
−
80
400
mV
VIN+=0V,VIN-=1V,ISINK=4mA,
Ta=-40 to 125℃
−
−
700
Output Sink Current
ISINK
VIN+=0V,VIN-=1V, Vo=1.5V
6
16
−
mA
Output Leakage Current
ILEAK
V+=Vo=30V, VIN+=1V,VIN-=0V,
Ta=25℃
−
0.1
−
nA
V+=Vo=30V, VIN+=1V,VIN-=0V,
Ta=-40 to 125℃
−
−
1
µA
Response Time(4)
tre
RL=5.1kΩ to V+
−
1.3
−
µs
Large Signal Response Time
tRL
RL=5.1kΩ to V+
Vref=1.4V,TTL input
−
250
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com