Electronic Components Datasheet Search
  English  ▼

X  

NJMOP277FE Datasheet(PDF) 4 Page - New Japan Radio

Part # NJMOP277FE
Description  Excellent EMI Immunity Low Noise, Precision Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJMOP277FE Datasheet(HTML) 4 Page - New Japan Radio

  NJMOP277FE Datasheet HTML 1Page - New Japan Radio NJMOP277FE Datasheet HTML 2Page - New Japan Radio NJMOP277FE Datasheet HTML 3Page - New Japan Radio NJMOP277FE Datasheet HTML 4Page - New Japan Radio NJMOP277FE Datasheet HTML 5Page - New Japan Radio NJMOP277FE Datasheet HTML 6Page - New Japan Radio NJMOP277FE Datasheet HTML 7Page - New Japan Radio NJMOP277FE Datasheet HTML 8Page - New Japan Radio NJMOP277FE Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
- 4 -
Ver.2.0
http://www.njr.com/
NJMOP277/NJMOP2277
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
Supply Voltage
Single Supply
Dual Supply
V+- V-
V+ / V-
Ta=25°C
4.5 to 36
±2.25 to ±18
V
Operating Temperature Range
Topr
- 40 to 125
°C
■ ELECTRICAL CHARACTERISTICS
NJMOP277GE / NJMOP277FE / NJMOP277GR / NJMOP277FR, NJMOP2277GE / NJMOP2277FE / NJMOP2277GR / NJMOP2277FR
(V+ / V- = ±5V to ±15V, Ta=25ºC, VCOM=0V, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
Input Offset Voltage
VIO
F-Grade
VCOM=0V,Rs=50
Ω
-
10
20
µV
Ta = -40ºC to 125ºC
-
-
50
µV
G-Grade
VCOM=0V,Rs=50
Ω
-
20
50
µV
Ta = -40ºC to 125ºC
-
-
100
µV
Input Offset Voltage Drift
ΔVIO/ΔT
F-Grade
VCOM=0V,Rs=50
Ω,Ta = -40ºC to 125ºC
-
0.1
0.15
µV/ºC
G-Grade
-
0.1
0.6
µV/ºC
Input Bias Current
IB
VCOM=0V
-
0.5
2.5
nA
Ta = -40ºC to 125ºC
-
-
4
nA
Input Offset Current
IIO
F-Grade
VCOM=0V
-
0.5
1
nA
Ta = -40ºC to 125ºC
-
-
2
nA
G-Grade
VCOM=0V
-
0.5
2
nA
Ta = -40ºC to 125ºC
-
-
3
nA
Open-Loop Voltage Gain
AV1
VO=(V-+0.5V) to (V+-1.5V)
RL=10k
Ω to 0V
126
140
-
dB
AV2
VO=(V-+1.5V) to (V+-2V), RL=2k
Ω to 0V
126
134
-
dB
Ta = -40ºC to 125ºC
120
-
-
Common-Mode Rejection Ratio
CMR
VICM=(V-+2V) to (V+-2V)
115
140
-
dB
Ta = -40ºC to 125ºC
115
-
-
Common-Mode
Input Voltage Range
VICM
CMR ≧ 115dB
V-+2
-
V+-2
V
Ta = -40ºC to 125ºC
V-+2
-
V+-2
V
OUTPUT CHARACTERISTICS
High-level Output Voltage
VOH1
RL=10k
Ω to 0V
V+-1.5
V+-1.25
-
V
Ta = -40ºC to 125ºC
V+-1.5
-
-
V
VOH2
RL=2k
Ω to 0V
V+-2
V+-1.3
-
V
Ta = -40ºC to 125ºC
V+-2
-
-
V
Low-level Output Voltage
VOL1
RL=10k
Ω to 0V
-
V-+0.2
V-+0.5
V
Ta = -40ºC to 125ºC
-
-
V-+0.5
V
VOL2
RL=2k
Ω to 0V
-
V-+0.5
V-+1.5
V
Ta = -40ºC to 125ºC
-
-
V-+1.5
V
Short-circuit Output Current
ISC
Short to 0V
-
±30
-
mA
POWER SUPPLY CHARACTERISTICS
Supply Current per Channel
ISUPPLY
No Signal, RL=OPEN
-
760
800
µA
Ta = -40ºC to 125ºC
-
-
900
µA
Supply Voltage Rejection Ratio
SVR
V+/ V- = ±2.25V to ±15V
120
140
-
dB
Ta = -40ºC to 125ºC
120
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com