Electronic Components Datasheet Search
  English  ▼

X  

PS150R Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PS150R
Description  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS150R Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PS150R Datasheet HTML 1Page - Pan Jit International Inc. PS150R Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DTAE : SEP.14.2002
(+)
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
1.Rise Time=7ns max
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance = 50Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+)
+0.5A
0
-0.25
-1.0
SET TIME BASE
FOR10ns/cm
1cm
t
rr
70
50
40
30
20
10
.1
.5
1
5
10
20
50 100
SINGLE PGASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5mm LEAD LENGTHS
1.50
1.25
1.00
0.75
0.50
0.25
0
25
50
75
100
125
150
175
NOTES:
10
1
0.1
0.01
0.2
.4
.6
.8
1.0
1.2
1.6
1.8
.1
.2
.4
1.0
2
4
10
20
40
100
100
40
20
10
4
2
1
60
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
RATING AND CHARACTERISTIC CURVES
Fig.1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
Fig.2 -FORWARD CHARACTERISTICS
Fig.3 -FORWARD CURRENT DERATING CURVE
Fig.5 -PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
MUNBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
FORWARD VOLTAGE - VFM(Vpk)
Fig.4 -TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE
VS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com