Electronic Components Datasheet Search
  English  ▼

X  

AM29LV640MB110 Datasheet(PDF) 49 Page - SPANSION

Part # AM29LV640MB110
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV640MB110 Datasheet(HTML) 49 Page - SPANSION

Back Button AM29LV640MB110 Datasheet HTML 45Page - SPANSION AM29LV640MB110 Datasheet HTML 46Page - SPANSION AM29LV640MB110 Datasheet HTML 47Page - SPANSION AM29LV640MB110 Datasheet HTML 48Page - SPANSION AM29LV640MB110 Datasheet HTML 49Page - SPANSION AM29LV640MB110 Datasheet HTML 50Page - SPANSION AM29LV640MB110 Datasheet HTML 51Page - SPANSION AM29LV640MB110 Datasheet HTML 52Page - SPANSION AM29LV640MB110 Datasheet HTML 53Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
February 12, 2004
Am29LV640MT/B
47
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
Erase and Program Operations
Notes:
1.
Not 100% tested.
2.
See the “Erase And Programming 32-byte Performance” section
for more information.
3.
For 1–16 words/ 1–32 bytes programmed.
4.
Effective write buffer specification is based upon a 16-word/
32-byte write buffer operation.
5.
Word/Byte programming specification is based upon a single
word/byte programming operation not utilizing the write buffer.
6.
When using the program suspend/resume feature, if the suspend
command is issued within tPOLL, tPOLL must be fully re-applied
upon resuming the programming operation. If the suspend
command is issued after t
POLL, tPOLL is not required again prior to
reading the status bits upon resuming.
Parameter
Speed Options
JEDEC
Std.
Description
90R
100,
100R
112,
112R
120,
120R
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
90
100
110
120
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
t
ASO
Address Setup Time to OE# low during toggle bit
polling
Min
15
ns
t
WLAX
t
AH
Address Hold Time
Min
45
ns
t
AHT
Address Hold Time From CE# or OE# high
during toggle bit polling
Min
0
ns
t
DVWH
t
DS
Data Setup Time
Min
45
ns
t
WHDX
t
DH
Data Hold Time
Min
0
ns
t
OEPH
Output Enable High during toggle bit polling
Min
20
ns
t
GHWL
t
GHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
ELWL
t
CS
CE# Setup Time
Min
0
ns
t
WHEH
t
CH
CE# Hold Time
Min
0
ns
t
WLWH
t
WP
Write Pulse Width
Min
35
ns
t
WHDL
t
WPH
Write Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Write Buffer Program Operation (Notes 2, 3)
Typ
352
µs
Effective Write Buffer Program
Operation (Notes 2, 4)
Per Byte
Typ
11
µs
Per Word
Typ
22
µs
Accelerated Effective Write Buffer
Program Operation (Notes 2, 4)
Per Byte
Typ
8.8
µs
Per Word
Typ
17.6
µs
Single Word/Byte Program
Operation (Note 2, 5)
Byte
Typ
100
µs
Word
100
Accelerated Single Word/Byte
Programming Operation (Note 2, 5)
Byte
Typ
90
µs
Word
90
t
WHWH2
t
WHWH2
Sector Erase Operation (Note 2)
Typ
0.5
sec
t
VHH
V
HH Rise and Fall Time (Note 1)
Min
250
ns
t
VCS
V
CC Setup Time (Note 1)
Min
50
µs
t
BUSY
WE# High to RY/BY# Low
Min
90
100
110
120
ns
t
POLL
Program Valid Before Status Polling (Note 6)
Max
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com