Electronic Components Datasheet Search
  English  ▼

X  

PS2010 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PS2010
Description  PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS2010 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PS2010 Datasheet HTML 1Page - Pan Jit International Inc. PS2010 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.11.2002
1.6
1.2
.8
.4
0
020
40
60
80
100
120
140
160 180
10
1.0
0.1
.1
.3
.5
.7
.9
1.1
1.3
1.5
0
0.01
70
56
42
28
14
1
2
46 8 10
20
40 60 80100
0
100
10
1
10
100
1
T= 25 C
J
O
T= 25 C
J
O
2.4
2.0
2.8
3.2
RATING AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE C
O
REVERSE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
Fig.2- PEAK FORWARD SURGE CURRENT
Fig.2- TYPICAL FORWARD CHARACTERISTICS
Fig.3- FORWARDCURRENT DERATING CURVE
Fig.4- TYPICAL JUNCTION CAPACITANCE
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
.375" 9.5mm LEAD LENGTHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com