Electronic Components Datasheet Search
  English  ▼

X  

LC75411WS Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC75411WS
Description  Electronic Volume Controller for Car Audio Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75411WS Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC75411WS Datasheet HTML 9Page - Sanyo Semicon Device LC75411WS Datasheet HTML 10Page - Sanyo Semicon Device LC75411WS Datasheet HTML 11Page - Sanyo Semicon Device LC75411WS Datasheet HTML 12Page - Sanyo Semicon Device LC75411WS Datasheet HTML 13Page - Sanyo Semicon Device LC75411WS Datasheet HTML 14Page - Sanyo Semicon Device LC75411WS Datasheet HTML 15Page - Sanyo Semicon Device LC75411WS Datasheet HTML 16Page - Sanyo Semicon Device LC75411WS Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
No. 6928-13/33
LC75411ES, 75411WS
Volume Control (–41 to –59.5dB)
D8
D9
D10
D11
D12
D13
D14
D15
Operation
1
0
0
1
0
1
0
0
–41dB
1
0
0
1
0
1
0
1
–41.5dB
0
1
0
1
0
1
0
0
–42dB
0
1
0
1
0
1
0
1
–42.5dB
1
1
0
1
0
1
0
0
–43dB
1
1
0
1
0
1
0
1
–43.5dB
0
0
1
1
0
1
0
0
–44dB
0
0
1
1
0
1
0
1
–44.5dB
1
0
1
1
0
1
0
0
–45dB
1
0
1
1
0
1
0
1
–45.5dB
0
1
1
1
0
1
0
0
–46dB
0
1
1
1
0
1
0
1
–46.5dB
1
1
1
1
0
1
0
0
–47dB
1
1
1
1
0
1
0
1
–47.5dB
0
0
0
0
1
1
0
0
–48dB
0
0
0
0
1
1
0
1
–48.5dB
1
0
0
0
1
1
0
0
–49dB
1
0
0
0
1
1
0
1
–49.5dB
0
1
0
0
1
1
0
0
–50dB
0
1
0
0
1
1
0
1
–50.5dB
1
1
0
0
1
1
0
0
–51dB
1
1
0
0
1
1
0
1
–51.5dB
0
0
1
0
1
1
0
0
–52dB
0
0
1
0
1
1
0
1
–52.5dB
1
0
1
0
1
1
0
0
–53dB
1
0
1
0
1
1
0
1
–53.5dB
0
1
1
0
1
1
0
0
–54dB
0
1
1
0
1
1
0
1
–54.5dB
1
1
1
0
1
1
0
0
–55dB
1
1
1
0
1
1
0
1
–55.5dB
0
0
0
1
1
1
0
0
–56dB
0
0
0
1
1
1
0
1
–56.5dB
1
0
0
1
1
1
0
0
–57dB
1
0
0
1
1
1
0
1
–57.5dB
0
1
0
1
1
1
0
0
–58dB
0
1
0
1
1
1
0
1
–58.5dB
1
1
0
1
1
1
0
0
–59dB
1
1
0
1
1
1
0
1
–59.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com