Electronic Components Datasheet Search
  English  ▼

X  

PS151R Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PS151R
Description  FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS151R Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PS151R Datasheet HTML 1Page - Pan Jit International Inc. PS151R Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DTAE : SEP.14.2002
FEATURES
• High current capability.
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Low leakage.
• Exceeds environmental standards of MIL-S-19500/228
• 1.5 ampere operation at T
A=55°C with no thermal runaway.
• Fast switching for high efficiency.
MECHANICALDATA
Case: Molded plastic, DO-15
Terminals: Axial leads, solderable to MIL-STD-202,Method 208
Polarity: Color Band denotes cathode end
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
PS150R~PS1510R
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current .375"(9.5mm)
lead length at TA=55°C
Peak Forward Surge Current, IFM (surge):8.3ms single half sine-wave
superimposed on rated load(JEDEC method)
Maximum Forward Voltage at 1.5A
Maximum Full Load Reverse Current Full Cycle Average ,.375”,9.5mm
Lead Length at TA=25°C
Maximum DC Reverse Current at Rated DC Blocking Voltage TA=100°C
Maximum Reverse Recovery Time(Note 1)
Typical Junction capacitance (Note 2)
Typical Junction Resistance(Note 3) R
θJA
Operating and Storage Temperature Range TJ
50.0
1.30
5.0
500
25
45
-55 to +150
V
V
V
A
A
V
µA
ns
pF
UNIT
°C/ W
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
250
µA
°C
1. DATA SHEET
DO-15
Unit: inch ( mm )
.140(3.6)
.104(2.6)
.034(.86)
.028(.71)
PS150R
50
35
50
PS1510R
1000
700
1000
PS158R
800
560
800
PS156R
600
420
600
PS154R
400
280
400
PS152R
200
140
200
PS151R
100
70
100
1.5
150
500


Similar Part No. - PS151R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS151R PANJIT-PS151R Datasheet
50Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS151R PANJIT-PS151R Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - PS151R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS150 PANJIT-PS150 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS200R PANJIT-PS200R Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
PS300R PANJIT-PS300R Datasheet
55Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
UF150 PANJIT-UF150 Datasheet
54Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com