Electronic Components Datasheet Search
  English  ▼

X  

CD75 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CD75
Description  CD75
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD75 Datasheet(HTML) 1 Page - Sumida Corporation

  CD75 Datasheet HTML 1Page - Sumida Corporation CD75 Datasheet HTML 2Page - Sumida Corporation CD75 Datasheet HTML 3Page - Sumida Corporation CD75 Datasheet HTML 4Page - Sumida Corporation CD75 Datasheet HTML 5Page - Sumida Corporation CD75 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
仕 様 書
CD75
1.外形
1-1.寸法図(mm)
※印
電極寸法は参考値とする。
1-2.捺印表示例
1-3.推奨ランド寸法(mm)
電極(端子)間の隙間はシルク処理をして御使用下さい。
2.コイル仕様
2-1.端子接続図(裏面図)
7.0±0.3
5.0±0.5
※7.0
製 造密番
頭 部直捺印
捺印位置 不定
100K
7.5
R1.0
電極部
シルク処理部
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS


Similar Part No. - CD75

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CD75 ECM-CD75 Datasheet
80Kb / 4P
Surface Mount Power Inductors
logo
AIT Components Ltd.
CD75 AITCOMPONENTS-CD75 Datasheet
31Kb / 1P
CD75 SMD POWER INDUCTOR
CD75-100 AITCOMPONENTS-CD75-100 Datasheet
31Kb / 1P
CD75 SMD POWER INDUCTOR
CD75-101 AITCOMPONENTS-CD75-101 Datasheet
31Kb / 1P
CD75 SMD POWER INDUCTOR
CD75-120 AITCOMPONENTS-CD75-120 Datasheet
31Kb / 1P
CD75 SMD POWER INDUCTOR
More results

Similar Description - CD75

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD75 AITCOMPONENTS-CD75 Datasheet
31Kb / 1P
CD75 SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com