Electronic Components Datasheet Search
  English  ▼

X  

S2G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # S2G
Description  SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S2G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  S2G Datasheet HTML 1Page - Pan Jit International Inc. S2G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A THRU S2M
SURFACE MOUNT RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 2.0 Amperes
FEATURES
l
For surface mounted applications
l
High temperature metallurgically bonded-no
compression contacts as found in other
diode-constructed rectifiers
l
Glass passivated junction
l
Built-in strain relief
l
Easy pick and place
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Complete device submersible temperature of
260 ¢J for 10 seconds in solder bath
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Standard packaging: 12mm tape (EIA-481)
Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current,
at TL=110 ¢J
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half sine-
wave superimposed on rated load(JEDEC method)
IFSM
60.0
Amps
Maximum Instantaneous Forward Voltage at 2.0A
VF
1.10
Volts
Maximum DC Reverse Current TA=25 ¢J
At Rated DC Blocking Voltage TA=125 ¢J
IR
5.0
125
£g A
Maximum Reverse Recovery Time (Note 1)
TRR
2.5
£g S
Typical Junction capacitance (Note 2)
CJ
30.0
PF
Typical Thermal Resistance
(Note 3)
R £KJL
16
¢J /W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
¢J
NOTES:
1.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
2.
Measured at 1 MHz and Applied Vr=4.0 volts
3.
8.0mm
2 (.013mm thick) land areas
SMB/DO-214AA


Similar Part No. - S2G

ManufacturerPart #DatasheetDescription
logo
Surge Components
S2G SURGE-S2G Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2G TRSYS-S2G Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2G JGD-S2G Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2G SSE-S2G Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Fairchild Semiconductor
S2G FAIRCHILD-S2G Datasheet
38Kb / 3P
1.5 Ampere Glass Passivated Rectifiers
More results

Similar Description - S2G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201 DAESAN-FR201 Datasheet
216Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com