Electronic Components Datasheet Search
  English  ▼

X  

OPA992 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA992
Description  OPAx992-Q1 Automotive, 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA992 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA992 Datasheet HTML 5Page - Texas Instruments OPA992 Datasheet HTML 6Page - Texas Instruments OPA992 Datasheet HTML 7Page - Texas Instruments OPA992 Datasheet HTML 8Page - Texas Instruments OPA992 Datasheet HTML 9Page - Texas Instruments OPA992 Datasheet HTML 10Page - Texas Instruments OPA992 Datasheet HTML 11Page - Texas Instruments OPA992 Datasheet HTML 12Page - Texas Instruments OPA992 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 40 V (±1.35 V to ±20 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
10.6
MHz
SR
Slew rate
VS = 40 V, G = +1, VSTEP = 10 V, CL = 20 pF(3)
32
V/μs
tS
Settling time
To 0.1%, VS = 40 V, VSTEP = 10 V, G = +1, CL = 20 pF
0.65
μs
To 0.1%, VS = 40 V, VSTEP = 2 V, G = +1, CL = 20 pF
0.3
To 0.01%, VS = 40 V, VSTEP = 10 V, G = +1, CL = 20 pF
0.86
To 0.01%, VS = 40 V, VSTEP = 2 V, G = +1, CL = 20 pF
0.44
Phase margin
G = +1, RL = 10 kΩ, CL = 20 pF
64
°
Overload recovery time
VIN × gain > VS
170
ns
THD+N
Total harmonic distortion +
noise
VS = 40 V, VO = 3 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.00005%
126
dB
VS = 10 V, VO = 3 VRMS, G = 1, f = 1 kHz, RL = 128 Ω
0.0032%
90
dB
VS = 10 V, VO = 0.4 VRMS, G = 1, f = 1 kHz, RL = 32 Ω
0.00032%
110
dB
OUTPUT
Voltage output swing from
rail
Positive and negative
rail headroom
VS = 40 V, RL = no load
7
mV
VS = 40 V, RL = 10 kΩ
48
60
VS = 40 V, RL = 2 kΩ
220
300
VS = 2.7 V, RL = no load
0.5
VS = 2.7 V, RL = 10 kΩ
5
20
VS = 2.7 V, RL = 2 kΩ
20
50
ISC
Short-circuit current
±65(2)
mA
CLOAD
Capacitive load drive
See Phase Margin vs Capacitive Load
pF
ZO
Open-loop output
impedance
IO = 0 A
See Open-Loop Output Impedance vs
Frequency
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
OPA2992-Q1, OPA4992-Q1,
IO = 0 A
2.4
2.8
mA
TA = –40°C to 125°C
2.84
OPA992-Q1, IO = 0 A
2.48
2.92
TA = –40°C to 125°C
2.98
(1)
Specified by characterization only.
(2)
At high supply voltage, placing the OPAx992-Q1 in a sudden short to mid-supply or ground will lead to rapid thermal shutdown. Output
current greater than ISC can be achieved if rapid thermal shutdown is avoided as per Output Voltage Swing vs Output Current.
(3)
See Slew Rate vs Input Step Voltage for more information.
www.ti.com
OPA992-Q1, OPA2992-Q1, OPA4992-Q1
SBOSAC9 – AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA992-Q1 OPA2992-Q1 OPA4992-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com