Electronic Components Datasheet Search
  English  ▼

X  

PCR12 Datasheet(PDF) 1 Page - Littelfuse

Part # PCR12
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PCR12 Datasheet(HTML) 1 Page - Littelfuse

  PCR12 Datasheet HTML 1Page - Littelfuse PCR12 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Tower and Obstruction Lighting Controls
www.littelfuse.com/pcr
Rev: 1-A-062316
Wiring Diagram
PCR SERIES
Photo Control
Description
The PCR Series of photo controls is a combination of precision
electronic circuitry, electromechanical output, and unique
molded plastic housing. Designed and built to meet the
demands of the most rigorous requirement of tower and
obstruction lighting control, each unit is factory calibrated to
meet FAA and FCC specifications. Electronic circuit, output
contactor, and terminal block are all contained within front
plastic housing. Edge support molded into the bottom edge of
housing allows easy wiring of new and existing installations.
Available with or without cast aluminum junction box.
Operation
When the amount of light sensed falls below the actuation level
for energization, the output relay energizes. Conversely, when
the amount rises above the actuation level for de-energization,
the output relay de-energizes.
Features & Benefits
FEATURES
BENEFITS
ABS plastic housing with
gasket seal
Withstands outdoor environmental hazards and
protects circuitry from moisture damage
Two 20A relay contacts
Allows direct control of a lighting circuit without a
separate contactor
Fixed time delay
Eliminates contact chatter
Reliable photo sensor
Provides automatic lighting circuit operation from
dusk to dawn
Ordering Information
MODEL
INPUT
DESCRIPTION
REPLACES
Hughey
& Phillips
Crouse
Hinds
PCR10
120VAC
Photo Control without
aluminum box
n/a
n/a
PCR11
120VAC
Photo Control without
aluminum box
PC800 120V
PEC52010
PCR12
230VAC
Photo Control with
aluminum box
n/a
n/a
PCR13
230VAC
Photo Control with
aluminum box
PC800 240V
PEC52010-1
If you don’t find the part you need, call us for a custom product 800-843-8848
Dashed lines are internal connections.
Dashed lines are internal connections.
Dashed lines are internal connections.
Dashed lines are internal connections.
*Customer Supplied Jumper
Dashed lines are
internal connections.


Similar Part No. - PCR12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR12 LITTELFUSE-PCR12 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
logo
Welwyn Components Limit...
PCR1206 WELWYN-PCR1206 Datasheet
98Kb / 2P
Precision Thick Film Surface Mounted Resistors
logo
Riedon Powertron
PCR1206 RIEDON-PCR1206 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206 RIEDON-PCR1206 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206 RIEDON-PCR1206 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
More results

Similar Description - PCR12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS200 LITTELFUSE-FS200 Datasheet
410Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com