Electronic Components Datasheet Search
  English  ▼

X  

PLS Datasheet(PDF) 1 Page - Littelfuse

Part # PLS
Description  Protection Relays - Voltage Monitoring Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PLS Datasheet(HTML) 1 Page - Littelfuse

  PLS Datasheet HTML 1Page - Littelfuse PLS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Voltage Monitoring Relays
www.littelfuse.com/pls
PLS SERIES
Description
The PLS Series is a low cost phase sensitive control that
provides an isolated contact closure when the proper A-B-C
phase sequence is applied. Protects sensitive 3-phase
equipment and equipment operators from reverse rotation.
Designed to be compatible with motor overloads or other
3-phase equipment protection devices. Protection for equipment
control centers where frequent reconnection or electrical code
makes reverse rotation protection essential. Examples include:
mobile refrigerated containers, construction equipment, hoists,
pumps, conveyors, elevators and escalators.
Operation
The internal relay and LED are energized when the phase
sequence is correct. The output relay will not energize if the
phases are reversed. Reset is automatic upon correction of
the fault.
Features & Benefits
FEATURES
BENEFITS
Continuous monitoring
Cost effective protection of 3-phase equipment and
operators from reverse rotation. Meets reverse
rotation protection code requirements.
Universal motor
compatibility
Designed to be compatible with motor overloads or
other 3-phase equipment protection devices
Industry standard 8-pin
octal plug connection
Eliminates need for special connectors
Factory calibrated
Easy to install. No field adjustment needed
LED indicator
Provides visual indication of relay status
Accessories
BZ1 Front Panel Mount Kit
Provides an easy method of through-the-panel
mounting of 8- or 11-pin plug-in timers, flashers,
and other controls.
Octal 8-pin Socket
8-pin 35mm DIN rail or surface mount. Rated at
10A @ 6 00VAC. Surface mounted with two #6
screws or snaps onto a 35 mm DIN rail.
LPSM003ZXID (Indicating),
LPSM003Z (Non-indicating) Fuse Holders
Littelfuse POWR-SAFE Dead Front holders
provide optimum protection to personnel for
Class CC and Midget-Style fuses. 600 VAC/DC
0KLK002.T Midget Fuse (2 Amp)
10 x 38 fast acting, high-interrupting capacity,
current-limiting type fuse. 600 Vac/500 Vdc
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
Ordering Information
MODEL
LINE VOLTAGE
PLS120A
120VAC
PLS240A
208/240VAC
PLS480A
440/480VAC
If you don’t find the part you need, call us for a custom product 800-843-8848
Wiring Diagram
F = Fuses
ØA = Phase A = L1
ØB = Phase B = L2
ØC = Phase C = L3
NO = Normally Open
NC = Normally Closed
Relay contacts are isolated
2A fast acting fuses recommended for
safety (not required).
8-PIN


Similar Part No. - PLS

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PLS EDI-PLS Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
Nichicon corporation
PLS NICHICON-PLS Datasheet
990Kb / 2P
Radial Lead Type, Long Life Assurance
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
PLS-020A-3PPI PIC-PLS-020A-3PPI Datasheet
209Kb / 2P
Weltkleinster magnetisch
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
World?셲 smallest magnetic Level Sensor
More results

Similar Description - PLS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PUB02CT23 ETC2-PUB02CT23 Datasheet
211Kb / 4P
Monitoring Relays Monitoring Relays Types DUB02, PUB02
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
DLMU LITTELFUSE-DLMU Datasheet
255Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
HLVA6I23 LITTELFUSE-HLVA6I23 Datasheet
456Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062116
KVM LITTELFUSE-KVM Datasheet
338Kb / 2P
Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVW LITTELFUSE-TVW Datasheet
371Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com