Electronic Components Datasheet Search
  English  ▼

X  

TSS Datasheet(PDF) 2 Page - Littelfuse

Part # TSS
Description  Time Delay Relays - Dedicated - Single Shot
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TSS Datasheet(HTML) 2 Page - Littelfuse

  TSS Datasheet HTML 1Page - Littelfuse TSS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Time Delay Relays
Dedicated - Single Shot
Rev: 1-A-062216
www.littelfuse.com/tss
TSS SERIES
Accessories
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
Selection Guide
Function Diagram
SINGLE SHOT
(PULSE FORMER)
V = Voltage
S1 = Initiate Switch
NO = Normally
Open Contact
NC = Normally
Closed Contact
TD =Time Delay
R = Reset
Specifications
Time Delay
Range
0.05s - 600s in 4 adjustable ranges or fixed
Repeat Accuracy
±2% or 20ms, whichever is greater
Tolerance
(Factory Calibration)
≤ ±5%
Reset Time
≤ 150ms
Initiate Time
≤ 20ms
Time Delay vs Temp.
& Voltage
≤ ±10%
Input
Voltage
24, 120, or 230VAC
Tolerance
±20%
AC Line Frequency
50/60 Hz
Power Consumption
≤ 2VA
Output
Type
Solid state
Form
NO, closed during timing
Maximum Load Current
1A steady state, 10A inrush at 60°C
Off State Leakage Current
≅ 5mA @ 230VAC
Voltage Drop
≅ 2.5V @ 1A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
- 40° to 75°C / - 40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com