Electronic Components Datasheet Search
  English  ▼

X  

CG5145LS Datasheet(PDF) 2 Page - Littelfuse

Part # CG5145LS
Description  Gas Discharge Tubes CG5 and SL0902A Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG5145LS Datasheet(HTML) 2 Page - Littelfuse

  CG5145LS Datasheet HTML 1Page - Littelfuse CG5145LS Datasheet HTML 2Page - Littelfuse CG5145LS Datasheet HTML 3Page - Littelfuse CG5145LS Datasheet HTML 4Page - Littelfuse CG5145LS Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 11/24/20
CG5 and SL0902A Series
Gas Discharge Tubes
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Breakdown
in Volts
(@100V/µs)
Impulse
Breakdown
In Volts
(@1 Kv/
µsec)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Surge
Life
(10/1000µs)
Nominal
Impulse
Discharge
Current
(8/20µs)
Nominal AC
Discharge
Current
(10x1sec
@50-60Hz)
AC Dischage
Current
(9 cycle
@50Hz)
Max
Impulse
Discharge
Current
(1
Application
@ 10/350µs)
MIN
TYP MAX
MAX
MIN
MAX
SL0902A090
CG590
72
90
108
550
700
1010 Ω
(at 50V)
1.5 pf
300 shots
(@100A)
10 shots
(@5kA)
5 A
10 A
0.5kA
CG5145
116
145
174
550
650
1010 Ω
(at 100V)
CG5150
120
150
180
550
-
SL0902A230
CG5230
184
230
276
550
650
CG5250
200
250
300
600
-
CG5270*
216
270
324
650
-
SL0902A350
CG5350
280
350
420
800
900
CG5400
320
400
480
900
-
SL0902A420*
336
420
504
900
1000
CG5470
376
470
564
1000
1200
SL0902A600
CG5600
480
600
720
1350
1500
* - Particular component is not UL Recognized.
Product Characteristics
Materials
CG5xxxLS (Outline 500), CG5xxxxLTR &
CG5350L-03TR (Outline 502), and CG5xxxL-02
(Outline 503): Device Nickel Plated 2–5
Microns Wire Tin Plated 17.5±12.5 Microns
Construction Ceramic Insulator.
CG5xxx (Outline 501), and CG5xxxMS &
SL0902AxxxSM (Outline 505): Device Tin
Plated 17.5±12.5 Microns Construction Ceramic
Insulator.
Product Marking
LF Logo, Voltage and date code
Glow to arc
transition current
< 0.5Amps
Glow Voltage
140 Volts
Storage and
Operational
Temperature
-40 to +90
Electrical Characteristics
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs.Time Characteristic
@ 1.0 GHz = 0.01 dB
@ 1.4GHz = 0.1 dB
@ 1.8 GHz = 0.53 dB
@ 2.1 GHz = 0.81 dB
@ 2.45 GHz= 1 dB
@ 2.8 GHz = 1.2 dB
@ 3.1 GHz = 1.5 dB
@ 3.5 GHz = 2.1 dB
Typical Insertion Loss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com