Electronic Components Datasheet Search
  English  ▼

X  

1219/50C Datasheet(PDF) 1 Page - Alpha Wire

Part # 1219/50C
Description  Customer SpecificationS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1219/50C Datasheet(HTML) 1 Page - Alpha Wire

  1219/50C Datasheet HTML 1Page - Alpha Wire 1219/50C Datasheet HTML 2Page - Alpha Wire 1219/50C Datasheet HTML 3Page - Alpha Wire 1219/50C Datasheet HTML 4Page - Alpha Wire 1219/50C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Customer Specification
PART NO. 1219/50C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
50 X 1 COND
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Color Code D
Cond
Color
Cond
Color
Cond
Color
1
BLACK
18
WHITE/GREEN
35
WHITE/RED/RED
2
RED
19
WHITE/YELLOW 36
WHITE/RED/GRE
EN
3
WHITE
20
WHITE/BLUE
37
WHITE/RED/BLU
E
4
GREEN
21
WHITE/BROWN
38
WHITE/RED/BRO
WN
5
ORANGE
22
WHITE/ORANGE 39
WHITE/RED/VIOL
ET
6
BLUE
23
WHITE/SLATE
40
WHITE/GREEN/B
LACK
7
BROWN
24
WHITE/VIOLET
41
WHITE/GREEN/R
ED
8
YELLOW
25
WHITE/BLACK/R
ED
42
WHITE/GREEN/G
REEN
9
VIOLET
26
WHITE/BLACK/G
43
WHITE/GREEN/B


Similar Part No. - 1219/50C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1219/50C ALPHAWIRE-1219/50C Datasheet
101Kb / 5P
Customer Specification
8/30/2022
More results

Similar Description - 1219/50C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com