Electronic Components Datasheet Search
  English  ▼

X  

1279 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1279
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1279 Datasheet(HTML) 1 Page - Alpha Wire

  1279 Datasheet HTML 1Page - Alpha Wire 1279 Datasheet HTML 2Page - Alpha Wire 1279 Datasheet HTML 3Page - Alpha Wire 1279 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1279
Construction
Applicable Specifications
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
9 X 1 COND
a) Conductor
14 (19/.0147) AWG Tinned Copper
0.071
b) Insulation
0.047" Wall, Nom. PVC
0.165
(1) Color Code
Alpha Wire Color Code F
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
GREEN
7
WHITE/BLACK
2
WHITE
5
ORANGE
8
RED/BLACK
3
RED
6
BLUE
9
GREEN/BLACK
2) Cable Assembly
9 Components Cabled
a) Twists:
1.3 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 20% Overlap, Min.
3) Jacket
0.065" Wall, Nom.,PVC
0.733 (0.761 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1279
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code
1) UL
AWM/STYLE 2463
80°C / 600 VRMS
VW-1
2) CE:
EU Low Voltage Directive 2014/35/EU


Similar Part No. - 1279

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1279 ALPHAWIRE-1279 Datasheet
99Kb / 4P
Customer Specification
8/30/2022
logo
Ashcroft, Inc.
1279 ASHCROFT-1279 Datasheet
1Mb / 4P
1279 Duragauge® Pressure Gauge
RevP_08-08-24
logo
CEE Norm UK Ltd
1279 CEENORM-1279 Datasheet
1Mb / 4P
Socket Outlets
logo
Atom Lighting
12790 ATOM-12790 Datasheet
89Kb / 3P
AT9045 /6 /7 /8 TRI
20th of January 2025 17:03:18
logo
Belden Inc.
127903A BELDEN-127903A Datasheet
243Kb / 3P
DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
More results

Similar Description - 1279

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com