Electronic Components Datasheet Search
  English  ▼

X  

121702A Datasheet(PDF) 2 Page - Belden Inc.

Part # 121702A
Description  CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

121702A Datasheet(HTML) 2 Page - Belden Inc.

  121702A Datasheet HTML 1Page - Belden Inc. 121702A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4
4 dB/100m
8
5.7 dB/100m
10
6.4 dB/100m
16
8.1 dB/100m
20
9.2 dB/100m
25
10.3 dB/100m
31.25
11.6 dB/100m
62.5
16.8 dB/100m
100
21.7 dB/100m
155
27.7 dB/100m
200
32 dB/100m
250
36.4 dB/100m
300
40.5 dB/100m
310
41.3 dB/100m
350
44.3 dB/100m
Voltage
UL Voltage Rating
300 V (CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Storage
60°C
-40°C To +60°C -40°C To +60°C
Bend Radius
Stationary Min.
7.5 in (190 mm)
Max. Pull Tension:
200 lbs (91 kg)
Bulk Cable Weight:
182 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Indoor
NEC / UL Compliance:
CM
CEC / C(UL) Compliance:
CM
Data Category:
Category 5e
TIA/EIA Compliance:
ANSI/TIA-568.2-D Category 5e
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Product Notes
Notes:
Jacket sequentially marked at 2 ft. intervals. U.S. Patents 5,606,151 and 5,734,126. Third party verified to TIA/EIA-568-B.2, Category 5e.
History
Update and Revision:
Revision Number: 0.66 Revision Date: 04-08-2022
© 2022 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com