Electronic Components Datasheet Search
  English  ▼

X  

74010NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 74010NH
Description  DataTuff® 6A, 4PR #22 Sol BC, PO ins, S/FTP, LSNH Jkt, PROFINET Type A, AWM 20851
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

74010NH Datasheet(HTML) 2 Page - Belden Inc.

  74010NH Datasheet HTML 1Page - Belden Inc. 74010NH Datasheet HTML 2Page - Belden Inc. 74010NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. ACR [dB] Min. PSACR [dB] Min. ACRF (ELFEXT) [dB] Min. RL (Return Loss) [dB] Min. ELTCTL [dB]
1
2 dB/100m
78
76
73
78
20
35
4
3.7 dB/100m
78
74.3
71.3
78
23
23
10
5.9 dB/100m
78
72.1
69.1
75.3
25
15
16
7.4 dB/100m
78
70.6
67.6
71.2
25
10.9
31.2
10.4 dB/100m
78
67.6
64.6
65.4
23.6
5.1
62.5
14.9 dB/100m
75.5
60.6
57.6
59.4
21.5
100
19 dB/100m
72.4
53.4
50.4
55.3
20.1
125
21.4 dB/100m
70.9
49.6
46.6
53.4
19.4
200
27.5 dB/100m
67.9
40.4
37.4
49.3
18
250
31 dB/100m
66.4
35.5
32.5
47.3
17.3
300
34.2 dB/100m
65.2
31.1
28.1
45.8
17.3
600
50.1 dB/100m
60.7
10.6
7.6
39.7
17.3
Table Notes:
Limits below 4MHz are for information only
Transfer Impedance Class:
Grade 1
Screening Class:
Type I
Table Notes:
Coupling Attenuation
Voltage
Voltage Rating
30 V AC
Mechanical Characteristics
Temperature
Operating
Storage
-40°C to +80°C -40°C to +80°C
Bend Radius
Stationary Min. Installation Min.
45 mm (1.8 in)
90 mm
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca, Sunlight Resistance, Oil Resistance
Flammability / Reaction to Fire: IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
Data Category:
Category 6A
ISO/IEC Compliance:
ISO/IEC 11801-1, IEC 61034-2 - Smoke Density Min Transmittance = 60%
CENELEC Compliance:
EN 50173-1, Segregation class according EN50174-2 = d
European Halogen Free
Standards:
IEC 62821-1 Halogen Free Compliance = Yes, IEC 60754-1 - Halogen Amount = Zero, IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity = 2.5 µS/mm, IEC 60754-2
- Halogen Acid Gas Amount - Min. pH = 4.3
European Directive
Compliance:
EU CE Mark
History
Update and Revision:
Revision Number: 0.144 Revision Date: 11-09-2022
Part Numbers
Variants
Item #
Color
Putup Type Length
EAN
74010NH.02305 Black
Reel
305 m
8719605203519
74010NH.01500 Gray, RAL 7032 Reel
500 m
8719605192400
74010NH.00100 Green
Reel
100 m
8719605129918
74010NH.00500 Green
Reel
500 m
8719605127594



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com