Electronic Components Datasheet Search
  English  ▼

X  

DIW25 Datasheet(PDF) 1 Page - Belden Inc.

Part # DIW25
Description  Category 3 Backbone Cable, 25 Pair, U/UTP, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DIW25 Datasheet(HTML) 1 Page - Belden Inc.

  DIW25 Datasheet HTML 1Page - Belden Inc. DIW25 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: DIW25
Category 3 Backbone Cable, 25 Pair, U/UTP, CMR
Product Description
Category 3 Premise Backbone Cable (16MHz), DIW 25 Pair, 24 AWG Solid Bare Copper Conductors, U/UTP, Riser-CMR, PVC jacket
Technical Specifications
Product Overview
Suitable Applications:
Premise Backbone Cable, Ethernet 10BASE-T, Analog Phone, FAX
Construction Details
Conductor
Size
Stranding
Material
Number of Pairs
24 AWG Solid
BC - Bare Copper 25
Insulation
Material
Color Code
PVC - Polyvinyl Chloride Western Electric
Outer Jacket
Material
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.380 in (9.65 mm) Yes
Electrical Characteristics
Electricals
Max. Conductor DCR
Max. Capacitance Unbalance
93.8 Ohm/km (28.6 Ohm/1000ft) 330 pF/100m
Delay
Frequency
Max. Delay
Max. Delay Skew Nom. Velocity of Prop.
16 MHz
543 ns/100m 45 ns/100m
68%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation) Min. NEXT [dB] Min. PSNEXT [dB] Min. ACR [dB] Min. PSACR [dB] Min. RL (Return Loss) [dB] Max./Min. Fitted Impedance [Ohm]
0.772
2.2 dB/100m
47.0
43.0
50.1
46.1
1
2.6 dB/100m
45.0
41.0
47.8
43.8
12.0
100 ± 15
4
5.6 dB/100m
36.0
32.0
36.0
32.0
12.0
100 ± 15
8
8.5 dB/100m
31.0
28.0
28.3
24.3
12.0
100 ± 15
10
9.7 dB/100m
30.0
26.0
26.2
22.3
12.0
100 ± 15
16
13.1 dB/100m
27.0
23.0
20.1
16.1
10.0
100 ± 15
Voltage
UL Voltage Rating
300 V (CMR)
Mechanical Characteristics


Similar Part No. - DIW25

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DIW003N150 ISC-DIW003N150 Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
DIW018N65 ISC-DIW018N65 Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diotec Semiconductor
DIW030F135 DIOTEC-DIW030F135 Datasheet
864Kb / 4P
Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
2024-04-04
DIW030M060 DIOTEC-DIW030M060 Datasheet
865Kb / 4P
Medium Fast Switching IGBT with Reverse Diode Mittelschnell schaltender IGBT mit Rückwärtsdiode
2024-04-05
logo
Inchange Semiconductor ...
DIW038N65K ISC-DIW038N65K Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - DIW25

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
1212 BELDEN-1212 Datasheet
174Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
1583A BELDEN-1583A Datasheet
184Kb / 4P
Category 5e Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
DIW12 BELDEN-DIW12 Datasheet
164Kb / 2P
Category 3 Backbone Cable, 12 Pair, U/UTP, CMR
2022 Belden, Inc
DPLN25 BELDEN-DPLN25 Datasheet
174Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN100 BELDEN-DPLN100 Datasheet
177Kb / 2P
Category 3 Backbone Cable, 100 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN200 BELDEN-DPLN200 Datasheet
177Kb / 2P
Category 3 Backbone Cable, 200 Pair, U/UTP, CMP
2022 Belden, Inc
DPLN50 BELDEN-DPLN50 Datasheet
175Kb / 2P
Category 3 Backbone Cable, 50 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com