Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS221 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments TMUXHS221 Datasheet HTML 10Page - Texas Instruments TMUXHS221 Datasheet HTML 11Page - Texas Instruments TMUXHS221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
6.10 Typical Characteristics – RON
Figure 6-7, Figure 6-8, and Figure 6-9 show switch ON resistance RON versus common mode voltage VCM, supply voltage
VCC, and ambient temperature respectively. All curves are at nominal PVT conditions unless specified.
VCM (V)
0
0.6
1.2
1.8
2.4
3
3.6
1.6
2.4
3.2
4
4.8
5.6
6.4
Figure 6-7. RON vs Common Mode Voltage VCM
VCC (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
2
2.5
3
3.5
4
4.5
5
VCM = 0 V
VCM = 2.4 V
Figure 6-8. RON vs Supply Voltage VCC
Figure 6-9. RON vs Ambient Temperature
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com