Electronic Components Datasheet Search
  English  ▼

X  

TPSF12C3 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSF12C3
Description  TPSF12C1-Q1 Standalone Active EMI Filter for Common-mode Noise Mitigation in Single-Phase AC Automotive Power Systems
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSF12C3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSF12C3 Datasheet HTML 9Page - Texas Instruments TPSF12C3 Datasheet HTML 10Page - Texas Instruments TPSF12C3 Datasheet HTML 11Page - Texas Instruments TPSF12C3 Datasheet HTML 12Page - Texas Instruments TPSF12C3 Datasheet HTML 13Page - Texas Instruments TPSF12C3 Datasheet HTML 14Page - Texas Instruments TPSF12C3 Datasheet HTML 15Page - Texas Instruments TPSF12C3 Datasheet HTML 16Page - Texas Instruments TPSF12C3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
So while an injection network is needed for stability, it also adds impedance in series with inject capacitor, thus
compromising EMI mitigation. As shown below, the user can minimize the impact on performance with careful
and appropriate design.
Illustrated in Figure 9-4, at low frequencies in the range of 5 kHz to 50 kHz, components RD1 and CD2 provide
compensation and RD3 damps the effects of LC resonance. At higher frequencies (above 10 kHz), the dominant
component impedance of each branch transitions to enable better attenuation performance:
• RD1 transitions to CD1
• CD2 transitions to RD2
• RD3 transitions to CD3
Finally, CD1 transitions to RD1A if needed for phase margin of the AEF loop at high frequencies, typically above
100 kHz.
When viewed in a clockwise direction, Figure 9-4 shows these transitions in sequence as frequency increases.
CG1
IGND
VDD
INJ
EN
COMP1
SENSE1A
SENSE2A
COMP2
REFGND
CINJ
CSEN1
CSEN2
CD2
RD3
12 V
RD1
SENSE1B
SENSE2B
TPSF12C1-Q1
Low-frequency
equivalent circuit
RD3 in series with inject capacitor CINJ
provides damping at low frequency
RC filter (RD1, CD2) provides compensation
at low frequency for stability
RG
IGND
VDD
INJ
EN
COMP1
SENSE1A
SENSE2A
COMP2
REFGND
CINJ
CSEN1
CSEN2
CD1
CD2
RD3
12 V
SENSE1B
SENSE2B
TPSF12C1-Q1
Mid-frequency
equivalent circuit
The impedance of CD1 shunts that of RD1 as
frequency increases. Lower impedance in series
with CINJ helps AEF performance. CD2 > CD1
Increasing
frequency
RG
IGND
VDD
INJ
EN
COMP1
SENSE1A
SENSE2A
COMP2
REFGND
CINJ
CSEN1
CSEN2
CD1
12 V
SENSE1B
SENSE2B
TPSF12C1-Q1
High-frequency
equivalent circuit
As frequency increases, the impedance of CD3 shunts that
of RD3, which helps attenuation performance. CD3
CINJ
Increasing
frequency
CD3
RD2
IGND
VDD
INJ
EN
COMP1
SENSE1A
SENSE2A
COMP2
REFGND
CINJ
CSEN1
CSEN2
12 V
SENSE1B
SENSE2B
TPSF12C1-Q1
Highest-frequency
equivalent circuit
At high frequencies, the impedance of RD1A
exceeds that of CD1. RD1A provides damping and
improves the phase margin of the AEF loop
CD3
RD2
Increasing
frequency
RD1A
CG2
At higher frequency, the impedance of RD2 exceeds
that of CD2, resulting in RD2 and CD1 forming a high-
pass filter, which maximizes VINJD
VINJD
Figure 9-4. Dominant Components of the Injection Network vs Frequency
www.ti.com
TPSF12C1-Q1
SNVSCB7 – NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSF12C1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com