Electronic Components Datasheet Search
  English  ▼

X  

SH2104WN Datasheet(PDF) 2 Page - Rohm

Part # SH2104WN
Description  650V 20A Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH2104WN Datasheet(HTML) 2 Page - Rohm

  SH2104WN Datasheet HTML 1Page - Rohm SH2104WN Datasheet HTML 2Page - Rohm SH2104WN Datasheet HTML 3Page - Rohm SH2104WN Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SH2104WN
This chip data sheet refers to the device data sheet
RGW80TS65D
Passivation
Top Side Metallization
Back Side Metallization
lFurther Electrical Characteristics
Polyimide
AlSiCu:5.0μm
Ti/Ni:0.4μm/Au:0.05μm
Switching characteristics and thermal properties are depending strongly on module design
and mounting technology and can therefore not be specified for a bare die.
lChip Information
200mm
0.07±0.01mm
2.50mm×2.50mm
0.10±0.03mm
Wafer Size
Wafer Thickness
Chip Size
Cut Line Width
2.50
0.10±0.03
Unit:mm
: Pad Area
①
: Anode Bonding Pad
Backside : Cathode
Unit : μm
①
2500
2400
1750
325
www.rohm.com
© 2022 ROHM Co., Ltd. All rights reserved.
2/2
2022.10 - Rev.A
Datasheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com