Electronic Components Datasheet Search
  English  ▼

X  

CDH115 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH115
Description  POWER INDUCTORS Type>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH115 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH115 Datasheet HTML 1Page - Sumida Corporation CDH115 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*1 直流重畳特性において、定格電流を流した時、インダクタンスが初期値の90%以上となる電流値もしくは、コイルの発熱が、
ΔT=40℃以下となる電流のどちらか少ない方の値とする。(Ta=20℃)
/ 定格電流とは
/ インダクタンス公差
/ インダクタンス測定周波数(L)
POWER INDUCTORS
<SMD Type>
TYPE : CDH73, CDH74, CDH113, CDH115
Parts No.
L (H)
CDH115
CDH113
CDH74
CDH73
Measuring Freq. (L)
Tolerance of Inductance
Rated Current
CDH73
CDH74
CDH113
CDH115
CDH73
CDH74
CDH113
CDH115
1kHz
1kHz
1kHz
1kHz
10
µH – 12µH ± 20% (M), 15µH – 27µH ± 15% (L), 33µH – 220µH ± 10% (K)
10
µH – 22µH ± 15% (L), 27µH – 68µH ± 10% (K), 82µH – 470µH ± 5% (J)
10
µH – 22µH ± 20% (M), 27µH – 47µH ± 15% (L), 56µH – 470µH ± 10% (K)
10
µH – 15µH ± 20% (M), 18µH – 33µH ± 15% (L), 39µH – 470µH ± 10% (K)
*1 It is either the inductance is 10% lower than its initial value in D.C. saturation characteristics or temperature raise becomes
∆T=40°C (Ta=20 °C), whichever is lower.
Rated Current
(A) *1
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
10
µ
12
µ
15
µ
18
µ
22
µ
27
µ
33
µ
39
µ
47
µ
56
µ
68
µ
82
µ
100
µ
120
µ
150
µ
180
µ
220
µ
270
µ
330
µ
390
µ
470
µ
D.C.R.(
Ω) :
Max.(Typ.)
Rated Current
(A) *1
D.C.R.(
Ω) :
Max.(Typ.)
Rated Current
(A) *1
D.C.R.(
Ω) :
Max.(Typ.)
Rated Current
(A) *1
D.C.R.(
Ω) :
Max.(Typ.)
77m( 59m)
92m( 71m)
110m( 87m)
130m(100m)
180m(140m)
210m(160m)
240m(190m)
280m(210m)
350m(270m)
400m(310m)
510m(390m)
600m(460m)
700m(540m)
890m(690m)
1.04(800m)
1.22(940m)
1.63( 1.30)
1.20
1.05
1.00
900m
810m
750m
660m
590m
560m
510m
470m
410m
370m
350m
310m
280m
260m
56m( 43m)
65m( 50m)
83m( 64m)
94m( 72m)
130m(100m)
160m(120m)
170m(130m)
210m(160m)
230m(180m)
260m(200m)
350m(270m)
480m(370m)
550m(420m)
620m(480m)
720m(550m)
820m(630m)
1.08(830m)
1.38( 1.10)
1.55( 1.24)
2.09( 1.67)
2.39( 1.91)
2.75
2.45
2.10
1.95
1.70
1.55
1.45
1.30
1.20
1.15
1.00
920m
810m
730m
710m
660m
550m
480m
400m
380m
330m
47m( 36m)
56m( 43m)
72m( 56m)
78m( 60m)
98m( 75m)
110m( 87m)
150m(110m)
170m(130m)
220m(170m)
240m(190m)
280m(210m)
380m(290m)
430m(330m)
490m(380m)
610m(470m)
750m(580m)
900m(690m)
1.13(870m)
1.28( 1.02)
1.60( 1.28)
1.88( 1.50)
2.00
1.80
1.55
1.45
1.25
1.16
1.05
970m
910m
800m
760m
660m
610m
560m
490m
450m
430m
370m
340m
310m
290m
28m( 22m)
33m( 25m)
39m( 30m)
49m( 38m)
60m( 46m)
70m( 54m)
82m( 63m)
110m( 85m)
130m(100m)
140m(110m)
160m(120m)
210m(160m)
260m(200m)
290m(220m)
400m(310m)
450m(350m)
530m(400m)
730m(560m)
840m(650m)
1.10(840m)
1.24(960m)
3.00
2.80
2.50
2.25
2.10
1.84
1.68
1.52
1.36
1.28
1.20
1.04
960m
880m
760m
720m
660m
590m
530m
480m
450m
/ 無鉛製品について
About Lead-free products
・Lead-free products are now available for sale
・To order a lead-free product, please add"NP" after the product type:
・無鉛製品は現在、販売されております。
・ご注文の際は製品タイプ名の後に”NP”をつけてください。
e.g. Ordering code of lead product: Type name-
△△△○×
Ordering code of lead-free product: Type name NP
△△△○×



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com