Electronic Components Datasheet Search
  English  ▼

X  

GCX39 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GCX39
Description  High Frequency Cylindrical Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GCX39 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GCX39 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
24 Jul 2003
High Frequency Cylindrical Crystal
GCX-39
Frequencies in MHz
Features
« Wide frequency range available
« Excellent shock resistance
« Miniature size for high density applications
ACTUAL SIZE
3.10Ø
8.00
(min)
1.10
0.30Ø
H
Frequency
Height H
<=4.0MHz
10.50 max
over 4.0MHz
9.00 max
Standard Frequencies
Option
Codes
GCX-39
Product
Parameters
Product name + option codes + frequency
eg:
GCX-39/351DF 16.0MHz 30/50/10/16-F
eg:
GCX-39/551S3 40.0MHz 50/50/10/SR-3
Option code X (eg GCX-39/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Specifications
3.579545
3.686400
4.000000
4.194304
4.433619
4.915200
6.000000
6.144000
7.159090
7.372800
8.000000
10.000000
11.059200
12.000000
16.000000
17.734470
20.000000
Frequency range: 3.5 ~ 90.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other values
specify
Temperature stability:
±30ppm
3
±50ppm
5
Other values
specify
Operating temperature range:
-10 to +60°C
1
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
16pF
D
20pF
F
30pF
J
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (<30.0MHz)
F
3rd overtone (30.0MHz+)
3
Static capacitance (C0): 5.0pF max
Equivalent series resistance (max):
200
(3.5 ~ 3.9MHz)
150
(4.0 ~ 5.9MHz)
100
(6.0 ~ 9.9MHz)
50
(10.0 ~ 30.0MHz)
100
(30.0 ~ 35.9MHz, 3rd OT)
80
(36.0 ~ 90.0MHz, 3rd OT)
Ageing:
±5ppm max first year
Test drive level:
100µW


Similar Part No. - GCX39

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
Low Frequency Cylindrical Leaded Crystal
GCX-39 GOLLEDGE-GCX-39 Datasheet
535Kb / 4P
High Frequency Cylindrical Leaded Crystal
logo
Microsemi Corporation
GCX1202 MICROSEMI-GCX1202 Datasheet
97Kb / 2P
VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
GCX1202-23 MICROSEMI-GCX1202-23 Datasheet
97Kb / 2P
VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
GCX1203 MICROSEMI-GCX1203 Datasheet
97Kb / 2P
VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
More results

Similar Description - GCX39

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX1V ETC1-MX1V Datasheet
57Kb / 1P
Low Frequency Cylindrical Crystal
logo
Golledge Electronics Lt...
GSCX26 GOLLEDGE-GSCX26 Datasheet
54Kb / 1P
SM Low Frequency Cylindrical Crystal
MX1V-T GOLLEDGE-MX1V-T Datasheet
58Kb / 1P
Low Frequency Cylindrical Crystal
logo
Abracon Corporation
AB15T ABRACON-AB15T Datasheet
115Kb / 1P
LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
05.29.07
AB308 ABRACON-AB308_08 Datasheet
683Kb / 1P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
02.15.08
AB308 ABRACON-AB308_15 Datasheet
1Mb / 2P
HIGH FREQUENCY CYLINDRICAL TYPE MICROPROCESSOR CRYSTAL
08.07.14
logo
Golledge Electronics Lt...
GSCX-26 GOLLEDGE-GSCX-26_16 Datasheet
121Kb / 1P
SM Low Frequency Cylindrical Crystal
GCX-39 GOLLEDGE-GCX-39 Datasheet
535Kb / 4P
High Frequency Cylindrical Leaded Crystal
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
Low Frequency Cylindrical Leaded Crystal
logo
Abracon Corporation
AB206 ABRACON-AB206 Datasheet
154Kb / 1P
LOW FREQUENCY CYLINDRICAL WATCH CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com