Electronic Components Datasheet Search
  English  ▼

X  

FS224 Datasheet(PDF) 1 Page - Littelfuse

Part # FS224
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS224 Datasheet(HTML) 1 Page - Littelfuse

  FS224 Datasheet HTML 1Page - Littelfuse FS224 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs200
Rev: 1-A-062316
Specifications
Wiring Diagram
FS200 SERIES
Description
The FS200 Series may be used to control inductive,
incandescent, or resistive loads. Factory fixed flash rate of 45
or 90 FPM or may be ordered with a fixed custom flash rate
ranging from 10 to 180 FPM. Encapsulation provides protection
against shock, vibration, and humidity. Uniform performance,
high inrush current capability, and low RFI, make this series ideal
for general industrial applications.
Operation
Upon application of input voltage, the T2 OFF time begins. At
the end of the OFF time, the T1 ON time begins and the load
energizes. At the end of T1, T2 begins and the load de-energizes.
This cycle repeats until input voltage is removed.
Reset: Removing input voltage resets the output and the
sequence to T2.
Features & Benefits
FEATURES
BENEFITS
3A steady, 30A inrush,
SPST output contact
Provides direct control of inductive, incandescent, or
resistive loads
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
High inrush current
capability and low RFI
Ideal for general industrial applications
Accessories
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
Ordering Information
MODEL
INPUT
RATING
FLASH RATE
FS219-45
12VDC ± 20%
3A
45 FPM
FS224
24VDC ± 20%
3A
90 FPM
If you don’t find the part you need, call us for a custom product 800-843-8848
V = Voltage
L = Load


Similar Part No. - FS224

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS22 GOOD-ARK-FS22 Datasheet
358Kb / 4P
Surface Mount Schottky Rectifier
logo
Feeling Technology Corp...
FS220 FEELING-FS220 Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-A FEELING-FS220LF-A Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-B FEELING-FS220LF-B Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
FS220LF-C FEELING-FS220LF-C Datasheet
303Kb / 13P
2 Phase High Voltage DC Motor Driver IC
More results

Similar Description - FS224

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PCR10 LITTELFUSE-PCR10 Datasheet
320Kb / 2P
Flashers and Tower Lighting Controls
Rev: 1-A-062316
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
PCR LITTELFUSE-PCR Datasheet
319Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS100 LITTELFUSE-FS100 Datasheet
414Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS300 LITTELFUSE-FS300 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FS491 LITTELFUSE-FS491 Datasheet
283Kb / 1P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062016
FS500 LITTELFUSE-FS500 Datasheet
376Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FSU1000 LITTELFUSE-FSU1000 Datasheet
259Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
FA155 LITTELFUSE-FA155 Datasheet
365Kb / 2P
Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com