Electronic Components Datasheet Search
  English  ▼

X  

FS500 Datasheet(PDF) 2 Page - Littelfuse

Part # FS500
Description  Flashers and Tower Lighting Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FS500 Datasheet(HTML) 2 Page - Littelfuse

  FS500 Datasheet HTML 1Page - Littelfuse FS500 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Flashers
www.littelfuse.com/fs500
Rev: 1-A-062316
FS500 SERIES
FLASHER (ON FIRST-DPDT)
V = Voltage
R = Reset
T1 = ONTime
T2 = OFFTime
NO = Normally Open
NC = Normally Closed
Flasher Function Diagram
Specifications
Technical Data
Operation
ON/OFF recycling flasher with adjustable
flash rate
Flash Rate
Adjustable from 10 - 100 operations per
minute (guaranteed range)
ON/OFF Ratio
≅ 50%
Input
Input Voltage
12VDC, 24VAC/DC, 120VAC/DC, 230VAC
Tolerance
12VDC & 24VDC/AC
-15% - 20%
120VAC/VDC & 230VAC
-20% - 10%
AC Line Frequency
50/60Hz
Output
Load Type
Electromechanical relay
Form
DPDT
Rating
10A resistive @ 120/240VAC & 28VDC;
1/3 hp @ 120/ 240VAC
Mechanical
Mounting
Plug-in socket
Dimensions
H 91.6 mm (3.62”); W 60.7 mm (2.39”);
D 45.2 mm (1.78”)
Termination
Octal 8-pin plug-in
Protection
Isolation Voltage
≥ 1500V RMS input to output
Polarity
DC units are reverse polarity protected
Environmental
Operating/Storage
Temperature
-20° to 60°C / -30° to 85°C
Weight
≅ 5.8 oz (164 g)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com