Electronic Components Datasheet Search
  English  ▼

X  

GSF61 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSF61
Description  SM Monolithic Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSF61 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSF61 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
14 Dec 2001
SM Monolithic Filter
GSF-61
ACTUAL SIZE
6.20
(max)
3.70
(max)
1.10
(max)
2.54
3.00
1.50
1.95 2.40 1.95
1.40
1.10
1.40
TOP VIEW
SOLDER PAD LAYOUT
12
3
4
43
12
PAD
1
2
3
4
CONNECTION
Ground
Out / In
Ground
In / Out
Scale 2:1
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Features
« Custom specifications available
« Miniature SM package
Product name + model number
eg: GSF-61 21S20A
GSF-61 45S15A
Option code X (eg GSF-61/X) denotes a custom spec.
Ordering Information
21.4MHz Standard Specifications
45.0MHz Standard Specifications
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Operating
No of
Number
Frequency
of Poles
(dB @ kHz)
Band
Ripple
Loss
Attenuation
(
// pF)
Temperature
Units
(MHz)
(dB @ kHz)
(dB)
(dB)
(dB @ kHz)
Range (°C)
Model
Centre
Number
Pass Band
Attenuation
In-Band
Insertion
Guaranteed
Termination
Operating
No of
Number
Frequency
of Poles
(dB @ kHz)
Band
Ripple
Loss
Attenuation
(
// pF)
Temperature
Units
(MHz)
(dB @ kHz)
(dB)
(dB)
(dB @ kHz)
Range (°C)
21S7A
21.400
2
3 ±3.75
20
±18.0
0.5
1.5
35
+350 ~ +1000
850 // 5.5
-20 to +70
1
50
-200 ~ -1000
21S12A
21.400
2
3
±6.0
20
±25.0
0.5
1.5
35
+350 ~ +1000
1200 // 2.5
-20 to +70
1
50
-200 ~ -1000
21S15A
21.400
2
3
±7.5
18
±25.0
0.5
1.5
35
+350 ~ +1000
1500 // 1.5
-20 to +70
1
40
-200 ~ -1000
21S20A
21.400
2
3 ±10.0
18
±34.0
0.5
2.0
35
+350 ~ +1000
1800 // 1.0
-20 to +70
1
50
-200 ~ -1000
21S30A
21.400
2
3 ±15.0
15
±45.0
0.5
1.5
35
+350 ~ +1000
3000 // 0.0
-20 to +70
1
45
-300 ~ -1000
45S7A
45.000
2
3 ±3.75
10
±12.5
0.5
2.5
65
-910
300 // 9.5
-20 to +70
1
45S15A
45.000
2
3
±7.5
15
±25.0
0.5
2.0
35
+500 ~ +1000
650 // 4.0
-20 to +70
1
40
-200 ~ -1000
45S20A
45.000
2
3 ±10.0
15
±34.0
0.5
2.0
35
+500 ~ +1000
700 // 2.0
-20 to +70
1
40
-200 ~ -1000
45S30A
45.000
2
3 ±15.0
15
±50.0
0.5
2.0
35
+500 ~ +1000
800 // 1.0
-20 to +70
1
35
-300 ~ -1000


Similar Part No. - GSF61

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GSF600HF65D9 LUGUANG-GSF600HF65D9 Datasheet
1Mb / 7P
650V/600A 2 in one-package
Revision:20241125-P1
More results

Similar Description - GSF61

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF10.7-1200-01 VECTRON-MQF10.7-1200-01 Datasheet
54Kb / 1P
Monolithic crystal filter
MQF10.7-1680-04 VECTRON-MQF10.7-1680-04 Datasheet
62Kb / 1P
Monolithic crystal filter
logo
Golledge Electronics Lt...
GSF71 GOLLEDGE-GSF71 Datasheet
49Kb / 1P
SM Monolithic Filter
GSF72 GOLLEDGE-GSF72 Datasheet
55Kb / 1P
SM Monolithic Filter
GSF74 GOLLEDGE-GSF74 Datasheet
55Kb / 1P
SM Monolithic Filter 3 poles
GSF75 GOLLEDGE-GSF75 Datasheet
51Kb / 1P
SM Monolithic Filter
CFUKFG GOLLEDGE-CFUKFG Datasheet
48Kb / 1P
SM CERAMIC FILTER
logo
List of Unclassifed Man...
FT21M07C ETC2-FT21M07C Datasheet
227Kb / 1P
MONOLITHIC CRYSTAL FILTER
logo
Golledge Electronics Lt...
GSF-75 GOLLEDGE-GSF-75_15 Datasheet
182Kb / 1P
SM Monolithic Filter
logo
Fronter Electronics Co....
HC-49T FRONTER-HC-49T Datasheet
209Kb / 1P
MONOLITHIC CRYSTAL FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com