Electronic Components Datasheet Search
  English  ▼

X  

IOP6AF Datasheet(PDF) 2 Page - Belden Inc.

Part # IOP6AF
Description  Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMP/CMX, Gel Free
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

IOP6AF Datasheet(HTML) 2 Page - Belden Inc.

  IOP6AF Datasheet HTML 1Page - Belden Inc. IOP6AF Datasheet HTML 2Page - Belden Inc. IOP6AF Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8
5.3
60.8
58.8
55.4
53.4
49.7
46.7
24.5
100 +/- 22
100 +/- 7
67.0
60.1
40.0
16.9
10
5.9
59.3
57.3
53.4
51.4
47.8
44.8
25.0
100 +/- 22
100 +/- 7
67.0
58.2
40.0
15.0
16
7.5
56.2
54.2
48.8
46.8
43.7
40.7
25.0
100 +/- 22
100 +/- 7
67.0
54.1
38.0
10.9
20
8.4
54.8
52.8
46.4
44.4
41.8
38.8
25.0
100 +/- 22
100 +/- 7
67.0
52.2
37.0
9.0
25
9.4
53.3
51.3
44.0
42.0
39.8
36.8
24.3
100 +/- 22
100 +/- 7
67.0
50.2
36.0
7.0
31.25
10.5
51.9
49.9
41.4
39.4
37.9
34.9
23.6
100 +/- 22
100 +/- 7
67.0
48.3
35.1
5.1
62.5
15.0
47.4
45.4
32.4
30.4
31.9
28.9
21.5
100 +/- 22
100 +/- 7
65.6
42.3
32.0
100
19.1
44.3
42.3
25.2
23.2
27.8
24.8
20.1
100 +/- 22
100 +/- 7
62.5
38.2
30.0
200
27.6
39.8
37.8
12.2
10.2
21.8
18.8
18.0
100 +/- 22
100 +/- 7
58.0
32.2
27.0
250
31.1
38.3
36.3
7.3
5.3
19.8
16.8
17.3
100 +/- 32
100 +/- 7
56.5
30.2
26.0
300
34.3
37.1
35.1
2.9
0.9
18.3
15.3
16.8
100 +/- 32
100 +/- 7
55.3
28.7
25.2
350
37.2
36.1
34.1
16.9
13.9
16.3
100 +/- 32
100 +/- 7
54.3
27.3
24.6
400
40.1
35.3
33.3
15.8
12.8
15.9
100 +/- 32
100 +/- 7
53.5
26.2
24.0
450
42.7
34.5
32.5
14.7
11.7
15.5
100 +/- 32
100 +/- 7
52.7
25.1
23.5
500
45.3
33.8
31.8
13.8
10.8
15.2
100 +/- 32
100 +/- 7
52.0
24.2
23.0
Voltage
UL Voltage Rating
300 V (CMP), 300 V (CL3P)
Mechanical Characteristics
Temperature
UL Temperature
Operating
Installation
Storage
150C
-40°C To +75°C 0°C To +60°C -40°C To +75°C
Bend Radius
Installation Min.
2.7 in (69 mm)
Max. Pull Tension:
25 lbs (11 kg)
Bulk Cable Weight: 39 lbs/1000ft (58 kg/km)
Standards and Compliance
Environmental
Suitability:
Indoor/Outdoor, Water Exposure/Below-Grade Conduit, Indoor, Outdoor, Sunlight Resistance
Flammability /
Reaction to Fire:
NFPA 262, UL 910 (Plenum), FT6, FT6
NEC / UL
Compliance:
Article 800, CMP
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 6A
TIA/EIA
Compliance:
ANSI/TIA-568.2-D Category 6A
ISO/IEC
Compliance:
11801 ed 2.2 (2011) Class EA
CENELEC
Compliance:
Segregation class according EN50174-2 = a
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending Footage/Meter Markings from
Max. Put-Up Length to 0. Not Suitable for Direct Burial. Cable jacket system is specially designed to protect cable core. Cable contains no water-blocking tapes, gels, or powders. Install in
accordance with all applicable electrical codes. Maintain jacket integrity throughout installation process. Do not allow water or fluids to penetrate jacket sheath or to enter ends of cable.
Ensure ends of cable will be protected from water/fluids after installation.
History
Update and
Revision:
Revision Number: 0.15 Revision Date: 11-01-2022
Part Numbers
Variants
Item #
Color Putup Type Length
IOP6AF 0101000 Black
Reel
1,000 ft



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com