Electronic Components Datasheet Search
  English  ▼

X  

OSP6AF0101000 Datasheet(PDF) 2 Page - Belden Inc.

Part # OSP6AF0101000
Description  Category 6A OSP Cable, 4 Pair, F/UTP, Gel Filled
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

OSP6AF0101000 Datasheet(HTML) 2 Page - Belden Inc.

  OSP6AF0101000 Datasheet HTML 1Page - Belden Inc. OSP6AF0101000 Datasheet HTML 2Page - Belden Inc. OSP6AF0101000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2.1 dB/100m
74.3
72.3
72.2
70.2
67.8
64.8
20.0
105 +/- 10
115 +/- 15
67.0
67.0
40.0
35.0
4
3.8 dB/100m
65.3
63.3
61.5
59.5
55.8
52.8
23.0
105 +/- 10
100 +/- 7
67.0
66.2
40.0
23.0
8
5.3 dB/100m
60.8
58.8
55.4
53.4
49.7
46.7
24.5
100 +/- 22
100 +/- 7
67.0
60.1
40.0
16.9
10
5.9 dB/100m
59.3
57.3
53.4
51.4
47.8
44.8
25.0
100 +/- 22
100 +/- 7
67.0
58.2
40.0
15.0
16
7.5 dB/100m
56.2
54.2
48.8
46.8
43.7
40.7
25.0
100 +/- 22
100 +/- 7
67.0
54.1
38.0
10.9
20
8.4 dB/100m
54.8
52.8
46.4
44.4
41.8
38.8
25.0
100 +/- 22
100 +/- 7
67.0
52.2
37.0
9.0
25
9.4 dB/100m
53.3
51.3
44.0
42.0
39.8
36.8
24.3
100 +/- 22
100 +/- 7
67.0
50.2
36.0
7.0
31.25
10.5 dB/100m
51.9
49.9
41.4
39.4
37.9
34.9
23.6
100 +/- 22
100 +/- 7
67.0
48.3
35.1
5.1
62.5
15.0 dB/100m
47.4
45.4
32.4
30.4
31.9
28.9
21.5
100 +/- 22
100 +/- 7
65.6
42.3
32.0
100
19.1 dB/100m
44.3
42.3
25.2
23.2
27.8
24.8
20.1
100 +/- 22
100 +/- 7
62.5
38.2
30.0
200
27.6 dB/100m
39.8
37.8
12.2
10.2
21.8
18.8
18.0
100 +/- 22
100 +/- 7
58.0
32.2
27.0
250
31.1 dB/100m
38.3
36.3
7.3
5.3
19.8
16.8
17.3
100 +/- 32
100 +/- 7
56.5
30.2
26.0
300
34.3 dB/100m
37.1
35.1
2.9
0.9
18.3
15.3
16.8
100 +/- 32
100 +/- 7
55.3
28.7
25.2
350
37.2 dB/100m
36.1
34.1
16.9
13.9
16.3
100 +/- 32
100 +/- 7
54.3
27.3
24.6
400
40.1 dB/100m
35.3
33.3
15.8
12.8
15.9
100 +/- 32
100 +/- 7
53.5
26.2
24.0
450
42.7 dB/100m
34.5
32.5
14.7
11.7
15.5
100 +/- 32
100 +/- 7
52.7
25.1
23.5
500
45.3 dB/100m
33.8
31.8
13.8
10.8
15.2
100 +/- 32
100 +/- 7
52.0
24.2
23.0
Voltage
Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C To +75°C -40°C To +60°C -40°C To +75°C
Bend Radius
Stationary Min. Installation Min.
3.0 in (76 mm)
3.75 in
Max. Pull Tension:
25 lbs (11 kg)
Bulk Cable Weight:
49 lbs/1000ft
Standards and Compliance
Environmental
Suitability:
Outdoor, Outdoor, Sunlight Resistance, Aerial - When supported by messenger wire
NEC / UL
Compliance:
N/A
IEEE Compliance:
IEEE 802.3bt Type 1, Type 2, Type 3, Type 4
Data Category:
Category 6A
TIA/EIA
Compliance:
ANSI/TIA-568.2-D Category 6A
ISO/IEC
Compliance:
11801 ed 2.2 (2011) Class EA
CENELEC
Compliance:
Segregation class according EN50174-2 = a
European Directive
Compliance:
EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE), REACH: 2017-07-10
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard
Compliance(s):
Outdoor Use ANSI/ICEA S-56-434, Broadband Outdoor Use ANSI/ICEA S-99-689, Verified Channel/Category 6A
Product Notes
Notes:
Electrical values are expected performance based on cable testing and representative performance within a typical Belden system. Print Includes Descending Footage/Meter Markings from
Max. Put-Up Length to 0. Not Suitable for Direct Burial. Belden recommends using an entrance demarcation point when transitioning inside buildings with gel-filled OSP cables due to the
cable design containing gel specific for wet outdoor environments. The suggested transition point is the REVConnect core coupler, part number RVACPKUBK-S1.
History
Update and
Revision:
Revision Number: 0.255 Revision Date: 11-09-2022
Part Numbers
Variants



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com