Electronic Components Datasheet Search
  English  ▼

X  

SB620F Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB620F
Description  ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 60 Volts CURRENT - 6 Ampere)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB620F Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB620F Datasheet HTML 1Page - Pan Jit International Inc. SB620F Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : OCT.10.2002
OC
OC
OC
OC
40-60V
20-30V
8.0
10.0
PERCENT OF RATED PEAK
REVERSE VOLTAGE, %
NUMBER OF CYCLE AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
CASE TEMPERATURE, C
O
Fig.4- MAXIMUM NON-REPETITIVE
SURGE CURRENT
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE
CHARACTERISTIC
Fig.5- TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com