Electronic Components Datasheet Search
  English  ▼

X  

GSX1 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX1
Description  SM Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX1 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX1 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
GSX-1
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
02 Mar 2004
Variant
AB
C
ACTUAL SIZE
7.50
(max)
5.00
(max)
1.40
(max)
1.50
2.00
1.50
1.50 4.50 1.50
SOLDER PAD LAYOUTS
2.40
2.20
4.10 2.20
TOP VIEW
GSX-1A
1.30
2.40
1.30
5.08
1.50
1.50
2.20
2.20
2.20
2.40 2.60 2.40
TOP VIEW
GSX-1C
2.50
1.00
1.50 4.50 1.50
1.40
1.10
1.40
2.20 4.10 2.20
TOP VIEW
GSX-1B
4
2
1
3
1
4
2
3
Features
« Ceramic SM package
« Fundamental mode up to 50.0MHz
« Low cost for volume applications
« Large stocks of standard frequencies
Standard Frequencies
Option
Codes
Parameters
Product name + variant + option codes (if any) + frequency
+ circuit condition (if non-standard)
eg:
GSX-1A/551DF 16.0MHz 50/50/10/16-F (standard)
GSX-1A/5C1S3 48.0MHz 50/100/10/S-3
Option code X (eg GSX-1/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
3rd Overtone
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
GSX-1A: 2 pads, opposite ends
GSX-1B: 4 pads, diagonal connections
GSX-1C: 2 pads, 5.08mm pitch
Preferred choice for SM crystal.
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
6.000000
7.372800
8.000000
9.216000
9.830400
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
15.360000
16.000000
16.384000
18.000000
18.432000
19.660800
20.000000
22.118400
24.000000
24.576000
25.000000
28.224000
29.491200
29.498900
30.000000
32.000000
32.768000
36.000000
36.864000
40.000000
49.152000
50.000000
32.00000
32.76800
36.00000
36.86400
40.00000
49.15200
50.00000
56.44800
60.00000
64.00000
66.66600
Package:
GSX-1A
GSX-1B
GSX-1C
Frequency range: 6.0 ~ 67.0MHz
Calibration tolerance:
±30ppm
3
±50ppm
5
Other (±20ppm ~ ±100ppm)
specify
Temperature stability:
±30ppm
3
±50ppm
5
±100ppm
C
±20ppm ~ ±100ppm
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-40 to +85°C
4
other
specify
Circuit condition:
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
other values
specify
Oscillation mode:
Fundamental (6.0 ~ 50.0MHz)
F
3rd overtone (28.1 ~ 50.0MHz)
3
3rd overtone (50.1 ~ 67.0MHz)
3
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
80
(6.0 ~ 9.9MHz)
60
(10.0 ~ 15.9MHz, fund)
40
(16.0 ~ 50.0MHz, fund)
60
(28.0 ~ 67.0MHz, 3rd OT)
Ageing:
±5ppm max first year
Test drive level:
100µW
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX13 GOLLEDGE-GSX13 Datasheet
56Kb / 1P
SM Crystal
More results

Similar Description - GSX1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
SM CRYSTAL
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
SM Crystal
CC2A GOLLEDGE-CC2A Datasheet
122Kb / 1P
SM Crystal
CC2A-T1AH GOLLEDGE-CC2A-T1AH Datasheet
121Kb / 1P
SM Crystal
GSX-211 GOLLEDGE-GSX-211 Datasheet
167Kb / 2P
SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH_18 Datasheet
556Kb / 5P
SM Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com