Electronic Components Datasheet Search
  English  ▼

X  

APTM50AM25FT Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTM50AM25FT
Description  Phase leg MOSFET Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50AM25FT Datasheet(HTML) 2 Page - Advanced Power Technology

  APTM50AM25FT Datasheet HTML 1Page - Advanced Power Technology APTM50AM25FT Datasheet HTML 2Page - Advanced Power Technology APTM50AM25FT Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTM50AM25FT
APT website – http://www.advancedpower.com
2 - 3
Electrical Characteristics
All ratings @ Tj = 25°C unless otherwise specified
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVDSS
Drain - Source Breakdown Voltage
VGS = 0V, ID = 1mA
500
V
VGS = 0V,VDS = 500V
Tj = 25°C
1000
IDSS
Zero Gate Voltage Drain Current
VGS = 0V,VDS = 400V
Tj = 125°C
2500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 74.5A
25
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 8mA
2
4
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V, VDS = 0V
±250
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Ciss
Input Capacitance
29.6
Coss
Output Capacitance
4.1
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
1.6
nF
Qg
Total gate Charge
1200
Qgs
Gate – Source Charge
200
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 250V
ID = 149A
560
nC
Td(on)
Turn-on Delay Time
15
Tr
Rise Time
20
Td(off)
Turn-off Delay Time
50
Tf
Fall Time
Resistive Switching
VGS = 15V
VBus = 250V
ID = 149A
RG = 0.22 Ω
10
ns
Source - Drain diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tc = 25°C
149
IS
Continuous Source current
(Body diode)
Tc = 80°C
111
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 149A
1.3
V
dv/dt
Peak Diode Recovery
5
V/ns
Tj = 25°C
250
trr
Reverse Recovery Time
IS = - 149A
VR = 250V
diS/dt = 800A/µs
Tj = 125°C
500
ns
Tj = 25°C
10.4
Qrr
Reverse Recovery Charge
IS = - 149A
VR = 250V
diS/dt = 800A/µs
Tj = 125°C
36
µC
dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS ≤ - 149A
di/dt
≤ 700A/µs
VR ≤ VDSS
Tj ≤ 150°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com