Electronic Components Datasheet Search
  English  ▼

X  

ARF460B Datasheet(PDF) 1 Page - Advanced Power Technology

Part # ARF460B
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF460B Datasheet(HTML) 1 Page - Advanced Power Technology

  ARF460B Datasheet HTML 1Page - Advanced Power Technology ARF460B Datasheet HTML 2Page - Advanced Power Technology ARF460B Datasheet HTML 3Page - Advanced Power Technology ARF460B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C
= 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
V
DS
(ON)
I
DSS
I
GSS
g
fs
V
GS
(TH)
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Voltage 1 (I
D
(ON) = 7A, V
GS
= 10V)
Zero Gate Voltage Drain Current (V
DS
= V
DSS
, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 0.8 V
DSS
, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Forward Transconductance (V
DS
= 25V, I
D
= 7A)
Gate Threshold Voltage (V
DS
= V
GS
, I
D
= 50mA)
MIN
TYP
MAX
500
4
25
250
±100
3.3
5.5
8
35
UNIT
Volts
µA
nA
mhos
Volts
Symbol
V
DSS
V
DGO
I
D
V
GS
P
D
RθJC
T
J
,T
STG
T
L
Parameter
Drain-Source Voltage
Drain-Gate Voltage
Continuous Drain Current @ T
C
= 25°C
Gate-Source Voltage
Total Power Dissipation @ T
C
= 25°C
Junction to Case
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
ARF460A/B
500
500
14
±30
250
0.50
-55 to 150
300
UNIT
Volts
Amps
Volts
Watts
°C/W
°C
RF POWER MOSFETs
N - CHANNEL ENHANCEMENT MODE
125V
150W
65MHz
The ARF460A and ARF460B comprise a symmetric pair of common source RF power transistors designed for push-
pull scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz. They have been
optimized for both linear and high efficiency classes of operation.
• Specified 125 Volt, 40.68 MHz Characteristics:
•
Output Power = 150 Watts.
•
Gain = 13dB (Class AB)
•
Efficiency = 75% (Class C)
• Low Cost Common Source RF Package.
• Low Vth thermal coefficient.
• Low Thermal Resistance.
• Optimized SOA for Superior Ruggedness.
TO-247
ARF460A
ARF460B
G
D
S
Common
Source
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com


Similar Part No. - ARF460B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ARF460B MICROSEMI-ARF460B Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
ARF460BG MICROSEMI-ARF460BG Datasheet
144Kb / 4P
RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF460B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF463AP1 ADPOW-ARF463AP1 Datasheet
187Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF465A ADPOW-ARF465A Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF466A ADPOW-ARF466A Datasheet
163Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF473 ADPOW-ARF473 Datasheet
124Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF475LF ADPOW-ARF475LF Datasheet
95Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF520 ADPOW-ARF520 Datasheet
74Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
ARF521 ADPOW-ARF521 Datasheet
198Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Silicon Standard Corp.
SSM9926EM SSC-SSM9926EM Datasheet
150Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926GEO SSC-SSM9926GEO Datasheet
154Kb / 6P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com