Electronic Components Datasheet Search
  English  ▼

X  

ARF465A Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF465A
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF465A Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF465A Datasheet HTML 1Page - Advanced Power Technology ARF465A Datasheet HTML 2Page - Advanced Power Technology ARF465A Datasheet HTML 3Page - Advanced Power Technology ARF465A Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
0
5
10
15
20
25
30
ARF465A/B
5.5V
4.5V
5V
6V
VGS=15V, 10V, 7V
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULARPULSEDURATION(SECONDS)
Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
6.5V
10
8
6
4
2
0
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω)
Z
OL (Ω)
2.0
13.5
27
40
65
21.4 -j 8.7
2.6 -j 7.3
.54 -j 2.9
.22 -j .69
.31 +j 1.65
206 -j 45
68 -j 99
22 -j 64
10.5 -j 44
4.4 -j 27
Zin - Gate shunted with 25Ω
IDQ = 100mA
Z
OL -
Conjugate of optimum load for 150 Watts output at Vdd = 300V
SINGLE PULSE
0.5
0.1
0.3
0.7
0.9
0.05
1.2
1.1
1
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100
125
0.60
0.50
0.40
0.30
0.20
0.10
0
Figure 9a, TRANSIENT THERMAL IMPEDANCE MODEL
0.0284
0.165
0.307
0.00155F
0.00934F
0.128F
Power
(Watts)
Junction
temp. ( ”C)
RC MODEL
Case temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com