Electronic Components Datasheet Search
  English  ▼

X  

DRF1200 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # DRF1200
Description  MOSFET Driver Hybrid
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

DRF1200 Datasheet(HTML) 2 Page - Advanced Power Technology

  DRF1200 Datasheet HTML 1Page - Advanced Power Technology DRF1200 Datasheet HTML 2Page - Advanced Power Technology DRF1200 Datasheet HTML 3Page - Advanced Power Technology DRF1200 Datasheet HTML 4Page - Advanced Power Technology DRF1200 Datasheet HTML 5Page - Advanced Power Technology DRF1200 Datasheet HTML 6Page - Advanced Power Technology DRF1200 Datasheet HTML 7Page - Advanced Power Technology DRF1200 Datasheet HTML 8Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Figure 1, DRF1200 Simplified Ciruit Diagram
A Simplified DRF1200 Circuit Diagram is illustrated above. By including the driver high speed by-pass capacitors (C1-C8), their
contribution to the internal parasitic loop inductance of the driver output is greatly reduced. This, coupled with the tight geometry of the
hybrid, allows optimal the gate drive to the MOSFET. This low parasitic approach, coupled with the Schmitt trigger input, Kelvin signal
ground and the Anti-Ring Function, Provide improved stability and control in Kilowatt to Multi-Kilowatt, High Frequency applications.
The IN pin is the input for the control signal and is applied to a Schmitt Trigger. The signal is then applied to the intermediate drivers
and level shifters; this section contains proprietary circuitry designed specifically for ring abatement. The P channel and N channel
power drivers provide the high current to the gate of the MOSFET and the MOSFET drain is attached to the OUT pin (9).
Driver Control Logic
In (4) HIGH Driver
Driver Output LOW
MOSFET OFF Drain (9) HIGH
In (4) LOW Driver
Driver Output HIGH
MOSFET ON Drain (9) LOW
The FUNCTION, FN, pin (3) is used to disable the Anti-Ring function. It is recommended that the device be operated with this function
enabled. Func. = Hi (+5V or Float) Anti-Ring on, Func. = Low (0V or GND.) Anti-ring off.
On the Output side are the POWER GROUND connections pin 8 and pin 10. The DRAIN connection is pin 9. It is suggested that
output currents be restricted to these pins by design.
MOSFET Absolute Maxumum Ratings
Thermal Characteristics
Dynamic Characteristics
Test curcuit show on page 3.
All measurements were made with the Anti-Ring circuit activated unless noted.
1. Symmetry is the percent difference in high and low FWHM times with a 50% duty cycle square wave input.
2 RL = 50Ω, CL = 3000pF
3 10% - 90% See Test Circuit
4 50% - 50%, see Test Circuit
5 VDD = 18V, CL = 3000pF, F = 10MHz
6 Performance specified with this input.
APT reserves the right to change, without notice, the specifications and information contained herein.
Unit
V
A
Ω
Unit
pF
Unit
°C/W
°C
W
Min
Typ
Max
1000
13
0.90
Ratings
0.13
175
>100
1050
Min
Typ
Max
2000
165
75
Parameter
Drain-Source Voltage
Continuos Drain Current THS = 25°C
Drain-Source On State Resistance
Characteristic
Junction to Case Thermal Resistance
Operating and Storage Junction Temperature
Maximum Power Dissipation
Total Power Dissipation @ T
C = 25°C
Parameter
Input Capacitance
Output Resistance
Reverse Transfer Capacitance
Symbol
V
DSS
I
D
R
DS(on)
Symbol
RθJC
T
J
P
D
P
DC
Symbol
C
iss
C
oss
C
rss
DRF1200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com