Electronic Components Datasheet Search
  English  ▼

X  

MS1227 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1227
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1227 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1227 Datasheet HTML 1Page - Advanced Power Technology MS1227 Datasheet HTML 2Page - Advanced Power Technology MS1227 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1227.PDF 10-28-02
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1227
RF & MICROWAVE TRANSISTORS
HF SSB APPLICATIONS
DESCRIPTION:
DESCRIPTION:
The MS1227 is a 12.5V epitaxial NPN planar transistor designed
primarily for SSB communications. This device utilizes emitter
ballasting for improved ruggedness and reliability.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
4.5
A
PDISS
Power Dissipation
80
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
2.2
°°C/W
Features
• 30 MHz
• 12.5 VOLTS
• GOLD METALIZATION
• P
OUT = 20 W MINIMUM
• G
P = 15 dB
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1227

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MS1227 NJSEMI-MS1227 Datasheet
121Kb / 2P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATION
More results

Similar Description - MS1227

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com